Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 9Page - Texas Instruments DRV5053_15 Datasheet HTML 10Page - Texas Instruments DRV5053_15 Datasheet HTML 11Page - Texas Instruments DRV5053_15 Datasheet HTML 12Page - Texas Instruments DRV5053_15 Datasheet HTML 13Page - Texas Instruments DRV5053_15 Datasheet HTML 14Page - Texas Instruments DRV5053_15 Datasheet HTML 15Page - Texas Instruments DRV5053_15 Datasheet HTML 16Page - Texas Instruments DRV5053_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2
1
3
C1
0.01 µF
(minimum)
OUT
VCC
R1
10 kΩ
C2
1500 pF
VCC
DRV5053
www.ti.com
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
9.2.1.3 Application Curve
Figure 13. 10-kHz Switching Magnetic Field
9.2.2 Filtered Typical Application
For lower noise on the analog output OUT, additional RC filtering can be added to further reduce the bandwidth.
Figure 14. Filtered Typical Application Schematic
9.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 3 as the input parameters.
Table 3. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
System bandwidth
ƒBW
5 kHz
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com