Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products MAX970 Datasheet HTML 10Page - Maxim Integrated Products MAX970 Datasheet HTML 11Page - Maxim Integrated Products MAX970 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
10
______________________________________________________________________________________
HYST
REF
GND
VCC
R1
R2
MAX965
MAX967
MAX968
MAX969
+1.6V TO +5.5V
IREF
Figure 3. Programming the HYST Pin
GND
VCC
VCC
OUT
R3
R1
R2
R4
VREF
VIN
MAX966
MAX970
Figure 4. External Hysteresis
Figure 2 illustrates the case in which IN- has a fixed
voltage applied, and IN+ is varied. If the inputs were
reversed, the figure would be the same, except with an
inverted output.
Adding Hysteresis to the
MAX965/MAX967/MAX968/MAX969
To add hysteresis to the MAX965/MAX967/MAX968/
MAX969, connect resistor R1 between REF and HYST,
and connect resistor R2 between HYST and GND
(Figure 3). If additional hysteresis is not required,
connect HYST to REF. When hysteresis is added, the
upper and lower trip points change by the same
amount in opposite directions. The hysteresis band (the
difference between the upper and lower trip points,
VHB) is approximately twice the voltage between HYST
and REF. The HYST input voltage range is from REF
down to (REF - 50mV). This yields a hysteresis band
from ±1mV to a maximum of ±50mV. Calculate the val-
ues of R1 and R2 for the desired hysteresis band with
the following formulas:
R1 = VHB / IREF
R2 = (VREF - VHB) / IREF
where IREF (the current sourced by the reference) does
not exceed the REF source capability (12µA typical),
and is significantly larger than the HYST leakage cur-
rent (5nA typical). IREF values between 0.1µA and 4µA
are good choices. If 2.4M
Ω is chosen for R2 (IREF =
0.5µA), the equation for R1 and VHB can be approxi-
mated as:
R1(k
Ω) = 2 x VHB (mV)
In the MAX967/MAX968/MAX969, the HYST pin pro-
grams the same hysteresis for all comparators in the
package.
Due to the internal structure of the input developed for
ultra-low-voltage operation, the hysteresis band varies
with common-mode voltage. The graph Programmed
Hysteresis vs. Common-Mode Voltage in the Typical
Operating Characteristics shows this variation. Notice
that the hysteresis band increases to almost twice the
calculated value toward the ends of the common-mode
range. This is apparent only when programming addi-
tional hysteresis using the HYST pin. The hysteresis
band is constant when HYST is connected to REF.
Adding Hysteresis to the MAX966/MAX970
The MAX966/MAX970 do not have a HYST pin for pro-
gramming hysteresis. Hysteresis can be generated with
three resistors using positive feedback (Figure 4). This
method generally draws more current than the method
using the HYST pin on the MAX965/MAX967/MAX968/
MAX969. Also, the positive feedback method slows
hysteresis response time. Use the following procedure
to calculate the resistor values:
1) Select R3. The leakage current of IN+ is under 5nA,
so the current through R3 should be at least 500nA
to minimize errors caused by leakage current. The
current through R3 at the trip point is (VREF - VOUT) /
R3. Taking into consideration the two possible out-
put states and solving for R3 yields two formulas:
R3 = VREF / 500nA
and
R3 = (VREF - VCC) / 500nA
Use the smaller of the two resulting resistor values.
For example, if VREF = 1.2V and VCC = 5.0V, then
the two resistor values are 2.4M
Ω and 7.6mΩ. For
R3, choose the 2.2M
Ω standard value.
2) Choose the hysteresis band required (VHB). For this
example, choose 50mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com