Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX970 Datasheet HTML 1Page - Maxim Integrated Products MAX970 Datasheet HTML 2Page - Maxim Integrated Products MAX970 Datasheet HTML 3Page - Maxim Integrated Products MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.6V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ............................................................+6V
Voltages
IN_-, IN_+, REF, HYST ..........................-0.3V to (VCC + 0.3V)
OUT_ ...............................................................-0.3V to +6.0V
Duration of OUT_ Short Circuit to GND or VCC ..........Continuous
Continuous Power Dissipation
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ..........330mW
14-Pin SO (derate 8.33mW/°C above +70°C).............667mW
16-Pin SO (derate 8.70mW/°C above +70°C).............696mW
16-Pin QSOP (derate 5.70mW/°C above +70°C)........457mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
6.0
10.0
0°C to +85°C
µMAX
package
QSOP package
-40°C to +85°C
Input Offset Voltage
VOS
-40°C to +85°C
0°C to +85°C
QSOP package
SO package
3.0
Common-mode
range = -0.25V
to 1.3V,
VCC > 1.8V
mV
V
-0.25
VCC - 0.25
TA = -40°C to +85°C
SO/QSOP packages, TA = -40°C to +85°C
Full common-mode range, TA = +25°C
Common-mode range = -0.25V to (VCC - 0.25V)
All packages, TA = 0°C to +85°C
VCC stepped 0V to 5V
MAX970
MAX966
MAX967/MAX968
TA = +25°C
MAX969
1.7V
≤ VCC ≤ 5.5V
CONDITIONS
7.0
CIN
Input Capacitance
pF
0.2
IOS
Input Offset Current
0.001
±50
nA
0.001
±5
IB
Input Bias Current
4.0
-0.25
VCC
VCMR
Common-Mode Voltage Range
V
0.1
1.0
PSRR
Power-Supply Rejection Ratio
1.7
5.5
VCC
Supply Voltage Range
V
1.6
5.5
mV/V
20
Power-Up Time
(VCC to output valid)
11
18
µA
7.0
12
ICC
Supply Current
6.0
10
10
16
14
22
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
4.0
15.0
10.0
Full common-
mode range
7.0
µMAX package, TA = -40°C to +85°C
1.8
5.5
MAX965
Comparator Minimum
Operating Voltage
V
1.0
µs
pA
HYST = REF
mV
±1
VHYST
Input Hysteresis
2
_______________________________________________________________________________________
COMPARATOR
POWER SUPPLIES
SO package
µMAX
package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com