Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX970 Datasheet HTML 1Page - Maxim Integrated Products MAX970 Datasheet HTML 2Page - Maxim Integrated Products MAX970 Datasheet HTML 3Page - Maxim Integrated Products MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
V
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
3
3
4
-60
MAX965 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
5
7
6
8
9
10
11
12
13
-40
-20
0
20
40
60
80
100
VIN+ > VIN-
VCC = 5.0V
VCC = 2.0V
VCC = 3.0V
4.0
-60
MAX966 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
4.5
5.5
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
-40
-20
0
20
40
60
80
100
VIN+ > VIN-
VCC = 5.0V
VCC = 2.0V
VCC = 3.0V
5
-60
MAX967/MAX968 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
6
8
7
9
10
11
12
13
14
15
-40
-20
0
20
40
60
80
100
VIN+ > VIN-
VCC = 5.0V
VCC = 2.0V
VCC = 3.0V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.6V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3V and TA = +25°C.)
f = 100Hz to 100kHz, CREF = 0.1µF
HYST = REF
SO package
CONDITIONS
µVRMS
10
Output Voltage Noise
nA
200
400
IREF-
Sink Current
µA
15
50
IREF+
Source Current
V
1.125
1.235
1.255
VREF
Reference Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
1.205
1.235
1.265
__________________________________________Typical Operating Characteristics
(VCC = +3.0V, RPULL-UP = 100kΩ, VCM = 0V, TA = +25°C, unless otherwise noted.)
10
CMRR
Common-Mode Rejection Ratio
mV/V
1.5
4.0
f = 100Hz to 100kHz, CREF = 1000pF
Input Voltage Noise
en
µVRMS
0.2
IOUT = 100µA, 1.6V < VCC < 2.7V
OUT Output Voltage Low
VOL
V
20
Propagation Delay
tPD-
µs
10
RPULL-UP = 1MΩ,
CLOAD = 15pF, high to low
10mV overdrive
50mV overdrive
QSOP package
HYST Input Voltage Range
V
VREF -
0.05
VREF
IHYST
HYST Input Leakage
nA
±5
Hysteresis Gain
V/V
1.0
µMAX package, TA = -40°C to +85°C
1.185
1.235
1.285
µMAX package, TA = 0°C to +85°C
1.205
1.235
1.265
0.4
IOUT = 500µA, 2.7V < VCC < 5.5V
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com