Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX970 Datasheet HTML 2Page - Maxim Integrated Products MAX970 Datasheet HTML 3Page - Maxim Integrated Products MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products MAX970 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
6
_______________________________________________________________________________________
_____________________________________________________________Pin Descriptions
FUNCTION
PIN
MAX965
MAX966
1
Comparator A Open-Drain Output
1
2
Ground
2
No Connection. Not internally connected.
4
Comparator A Inverting Input
4
Comparator Inverting Input
3
Comparator A Noninverting Input
3
Comparator Noninverting Input
7
7
Positive Supply Voltage, +1.6V to +5.5V
6
Internal Reference Output. Typically 1.235V with respect to GND.
5
Hysteresis Input. Connect HYST to REF if not used. Input voltage range
is from VREF to (VREF - 50mV).
6
Comparator B Noninverting Input
5
Comparator B Inverting Input
MAX967
1
2
3
7
6
5
4
MAX968
1
2
3
7
6
5
4
NAME
OUTA
GND
N.C.
INA-
IN-
INA+
IN+
VCC
REF
HYST
INB+
INB-
8
OUT
Comparator Open-Drain Output
8
8
8
OUTB
Comparator B Open-Drain Output
MAX965–MAX968
50mV/div
1V/div
IN+
OUT
10kHz RESPONSE
MAX965/70-TOC18
20
µs/div
2V/div
2V/div
VCC
OUT
POWER-UP/DOWN RESPONSE
MAX965/70-TOC17
5
µs/div
_____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, RPULL-UP = 100kΩ, VCM = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com