Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products MAX970 Datasheet HTML 10Page - Maxim Integrated Products MAX970 Datasheet HTML 11Page - Maxim Integrated Products MAX970 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
TRANSISTOR COUNTS:
MAX965 = 216
MAX966 = 190
MAX967/MAX968 = 299
MAX969 = 465
MAX970 = 380
___________________Chip Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX969EEE
-40°C to +85°C
16 QSOP
MAX969ESE
-40°C to +85°C
16 Narrow SO
MAX968EUA
-40°C to +85°C
8 µMAX
MAX968ESA
-40°C to +85°C
8 SO
MAX970ESD
-40°C to +85°C
14 SO
MAX970EEE
-40°C to +85°C
16 QSOP
_Ordering Information (continued)
__________________________________________________________Pin Configurations
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTC
OUTD
GND
IND+
INA-
VCC
OUTA
OUTB
MAX970
IND-
INC+
INC-
INB+
INB-
INA+
SO
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTC
OUTD
GND
IND+
INA-
VCC
OUTA
OUTB
MAX969
IND-
INC+
INC-
HYST
REF
INB+
INB-
INA+
SO/QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTC
OUTD
GND
IND+
INA-
VCC
OUTA
OUTB
MAX970
IND-
INC+
INC-
N.C.
N.C.
INB+
INB-
INA+
QSOP
1
2
3
4
OUT
VCC
REF
HYST
IN-
IN+
N.C.
GND
MAX965
SO/
µMAX
SO/
µMAX
SO/
µMAX
8
7
6
5
1
2
3
4
OUTB
VCC
INB+
INB-
INA-
INA+
GND
OUTA
MAX966
8
7
6
5
1
2
3
4
OUTB
VCC
REF
HYST
INB+
(INB-)
INA+
GND
OUTA
MAX967
MAX968
8
7
6
5
( ) ARE FOR MAX968 ONLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com