Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX970 Datasheet HTML 1Page - Maxim Integrated Products MAX970 Datasheet HTML 2Page - Maxim Integrated Products MAX970 Datasheet HTML 3Page - Maxim Integrated Products MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
4
_______________________________________________________________________________________
0
0
MAX965 SUPPLY CURRENT
vs. SUPPLY VOLTAGE
(INCLUDES REFERENCE CURRENT)
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
1
2
3
4
5
6
VIN+ > VIN-
-60
-20
0
-40
20
40
60
80
100
COMPARATOR OUTPUT SHORT-CIRCUIT
SINK CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2V
VCC = 3V
VIN+ < VIN-
VCC = 5V
0
2
4
6
8
10
12
14
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
4
2
6
8
10
12
COMPARATOR OUTPUT
LOW VOLTAGE vs. SINK CURRENT
SINK CURRENT (mA)
VIN+ = < VIN-
VCC = 5V
VCC = 3V
VCC = 2V
6
-60
PROPAGATION DELAY (tPD-)
vs. TEMPERATURE
TEMPERATURE (°C)
7
4
5
9
8
10
11
12
13
14
-40
-20
0
20
40
60
80
100
VOD = 50mV
VCC = 2.0V
VCC = 5.0V
VCC = 3.0V
70
0
0.001
0.01
0.1
PROPAGATION DELAY (tPD-)
vs. CAPACITIVE LOAD
10
CAPACITIVE LOAD (
µF)
30
20
40
50
60
VOD = 50mV
VCC = 5.0V
VCC = 3.0V
VCC = 2.0V
0
0
PROPAGATION DELAY (tPD-)
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
10
5
15
20
25
30
20
40
60
80
100
120 140
160
VCC = 5.0V
VCC = 2.0V
VCC = 3.0V
_____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, RPULL-UP = 100kΩ, VCM = 0V, TA = +25°C, unless otherwise noted.)
8
-60
MAX969 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
12
10
14
16
18
20
-40
-20
0
20
40
60
80
100
VIN+ > VIN-
VCC = 5.0V
VCC = 2.0V
VCC = 3.0V
7
-60
MAX970 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
8
10
9
11
12
13
14
15
16
-40
-20
0
20
40
60
80
100
VIN+ > VIN-
VCC = 2.0V
VCC = 3.0V
VCC = 5.0V
0
0
SUPPLY CURRENT PER COMPARATOR
vs. SUPPLY VOLTAGE
(EXCLUDES REFERENCE CURRENT)
SUPPLY VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
2
3
4
5
6
VIN+ > VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com