Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX970 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX970 Datasheet HTML 3Page - Maxim Integrated Products MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products MAX970 Datasheet HTML 10Page - Maxim Integrated Products MAX970 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
7
________________________________________________Pin Descriptions (continued)
_______________Detailed Description
The MAX965–MAX970 single/dual/quad, micropower,
ultra-low-voltage comparators feature Rail-to-Rail®
inputs and outputs and an internal 1.235V ±1.5%
bandgap reference. These devices operate from a sin-
gle +1.6V to +5.5V supply voltage range, and consume
less than 5µA supply current per comparator over the
extended temperature range. Internal hysteresis is pro-
grammable up to ±50mV using two external resistors
and the device’s internal reference. The rail-to-rail input
common-mode voltage range and the open-drain out-
puts allow easy voltage-level conversion for multivolt-
age systems. All inputs and outputs can tolerate a
continuous short-circuit fault condition to either rail.
The MAX965 is a single comparator with adjustable
hysteresis and a reference output pin. The MAX966 is a
dual comparator without the reference and without
adjustable hysteresis. The MAX967 is a dual compara-
tor configured as a dual voltage monitor with common
hysteresis adjustment and a reference output. The dual
MAX968 is similar to the MAX967, but is configured as
a window comparator. The MAX969 is a quad com-
parator with a common hysteresis adjustment and a ref-
erence output pin. The MAX970 is a quad comparator
without a reference and without hysteresis adjustment.
(See Functional Diagrams and Selector Guide.)
Comparator Input
The MAX965–MAX970 have a -0.25V to VCC input com-
mon-mode range. Both comparator inputs may operate
at any differential voltage within the common-mode
voltage range, and the comparator displays the correct
output logic state.
Low-Voltage Operation: VCC Down to 1V
The minimum operating voltage is 1.6V. As the supply
voltage falls below 1.6V, performance degrades
and supply current falls. The reference does not
MAX969/MAX970
FUNCTION
MAX969
SO
4
4
Comparator A Inverting Input
3
3
Positive Supply Voltage, +1.6V to +5.5V
2
2
Comparator A Open-Drain Output
1
1
Comparator B Open-Drain Output
8
—
Internal Reference Output. Typically 1.235V with respect to GND.
—
—
No Connection. Not internally connected.
7
7
Comparator B Noninverting Input
6
6
Comparator B Inverting Input
5
5
Comparator A Noninverting Input
MAX970
QSOP
4
3
2
1
—
8, 9
7
6
5
NAME
INA-
VCC
OUTA
OUTB
REF
N.C.
INB+
INB-
INA+
PIN
9
—
—
HYST
Hysteresis Input. Connect to REF if not used. Input voltage range is
from (VREF - 50mV) to VREF.
10
8
10
INC-
Comparator C Inverting Input
11
9
11
INC+
Comparator C Noninverting Input
12
10
12
IND-
Comparator D Inverting Input
13
11
13
IND+
Comparator D Noninverting Input
14
12
14
GND
Ground
15
13
15
OUTD
Comparator D Open-Drain Output
16
14
16
OUTC
Comparator C Open-Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com