Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTDA8024 Datasheet HTML 1Page - Unisonic Technologies UTDA8024 Datasheet HTML 2Page - Unisonic Technologies UTDA8024 Datasheet HTML 3Page - Unisonic Technologies UTDA8024 Datasheet HTML 4Page - Unisonic Technologies UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 15
www.unisonic.com.tw
QW-R113-014.a
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CLKDIV1
CLK frequency selection input 1
2
CLKDIV2
CLK frequency selection input 2
3
5V/ V
3
Card supply voltage selection input; VCC=5V (HIGH) or VCC=3V (LOW)
4
PGND
DC/DC converter power supply ground
5
S2
DC/DC converter capacitor; connected between pins S1 and S2; C=100nF with
ESR<100mΩ
6
VDDP
DC/DC converter power supply voltage
7
S1
DC/DC converter capacitor; connected between pins S1 and S2; C=100nF with
ESR<100mΩ
8
VUP
DC/DC converter output decoupling capacitor connection; C=100nF with ESR<100mW
must be connected between VUP and PGND
9
PRES
Card presence contact input (active LOW); if PRES or PRES is active, the card is
considered ‘present’ and a built-in debounce feature of 8 ms (typ.) is activated
10
PRES
Card presence contact input (active HIGH); if PRES or PRES is active, the card is
considered ‘present’ and a built-in debounce feature of 8 ms (typ.) is activated
11
I/O
Data line to/from card reader contact C7; integrated 11kΩ pull-up resistor to VCC
12
AUX2
Data line to/from card reader contact C8; integrated 11kΩ pull-up resistor to VCC
13
AUX1
Data line to/from card reader contact C4; integrated 11kΩ pull-up resistor to VCC
14
CGND
Card signal ground
15
CLK
Card clock to/from card reader contact C3
16
RST
Card reset output from card reader contact C2
17
VCC
Card supply voltage to card reader contact C1; decoupled to CGND via 2 × 100nF or
100+220nF capacitors with ESR<100mΩ; Note 1
18
PORADJ
Power-on reset threshold adjustment input for changing the reset threshold with an
external resistor bridge; doubles the width of the POR pulse when used
19
CMDVCC
Input from the host to start activation sequence (active LOW)
20
RSTIN
Card reset input from the host
21
VDD
Supply voltage
22
GND
Ground
23
OFF
NMOS interrupt output to the host (active LOW); 20kΩ integrated pull-up resistor to VDD
24
XTAL1
Crystal connection or input for external clock
25
XTAL2
Crystal connection (leave open-circuit if external clock source is used)
26
I/OUC
Host data I/O line; integrated 11kΩ pull-up resistor to VDD
27
AUX1UC
Auxiliary data line to/from the host; integrated 11kΩ pull-up resistor to VDD
28
AUX2UC
Auxiliary data line to/from the host; integrated 11 kΩ pull-up resistor to VDD
Note 1. The noise margin on VCC will be higher with the 220nF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com