Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UTDA8024 Datasheet HTML 3Page - Unisonic Technologies UTDA8024 Datasheet HTML 4Page - Unisonic Technologies UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies UTDA8024 Datasheet HTML 10Page - Unisonic Technologies UTDA8024 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 15
www.unisonic.com.tw
QW-R113-014.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Card supply voltage (pin VCC) (Note 3)
External Capacitance On Pin VCC
CVCC
Note 4
80
400
nF
Card Inactive,
CC
I=0mA
-0.1
0
+0.1
V
Card Inactive,
CC
I=1mA
-0.1
0
+0.3
V
Card Active,
CC
I
<50mA
4.75
5.0
5.25
V
Card Active, Single
Current Pulse,
Ip=-100mA, tp=2ms
4.65
5.0
5.25
V
Card Active, Current
Pulses, Ip=40nA
4.65
5.0
5.25
V
5V Card
Card Active, Current
Pulses, Ip=40nA with
CC
I
<200mA,
tp<400ns
4.65
5.0
5.25
V
Card Inactive,
CC
I=0mA
-0.1
0
+0.1
V
Card Inactive,
CC
I=1mA
-0.1
0
+0.3
V
Card Active,
CC
I
<50mA
2.85
3.0
3.15
V
Card Active, Single
Current Pulse,
Ip=-100mA, tp=2ms
2.76
3.0
3.20
V
Card Active, Current
Pulses, Ip=40nA
2.76
3.0
3.20
V
Card Supply Voltage
(Including Ripple Voltage)
VCC
3V Card
Card Active, Current
Pulses, Ip=40nA with
CC
I
<200mA,
tp<400ns
2.76
3.0
3.20
V
Ripple Voltage on VCC
(Peak to Peak Value)
VCC(ripple)(p-p) fripple=20kHz~200MHz
350
mV
VCC=0~5V
80
mA
VCC=0~3V
65
mA
Card Supply Current
CC
I
VCC Short-Circuit to GND
100
120
150
mA
Slew Rate
SR
Slew Up or Down
0.08
0.15
0.22
V/µs
Crystal oscillator (pins XTAL1 and XTAL2)
External
Capacitance
On
Pins
XTAL1 and XTAL2
CXTAL1,
CXTAL2
Depends On Type of Crystal or
Resonator Used
15
pF
Crystal Frequency
fXTAL
2
26
MHz
Frequency Applied on Pin XTAL1
fXTAL1
0
26
MHz
LOW-Level Input Voltage On Pin
XTAL1
VIL
-0.3
+0.3VDD
V
HIGH-Level Input Voltage On Pin
XTAL1
VIH
0.7VDD
VDD+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com