Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTDA8024 Datasheet HTML 1Page - Unisonic Technologies UTDA8024 Datasheet HTML 2Page - Unisonic Technologies UTDA8024 Datasheet HTML 3Page - Unisonic Technologies UTDA8024 Datasheet HTML 4Page - Unisonic Technologies UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 15
www.unisonic.com.tw
QW-R113-014.a
BLOCK DIAGRAM
VDD
VDDP
S1
S2
21
6
75
PORADJ 18
OFF
RSTIN
CMDVCC
23
20
19
5V/3V 3
1
2
CLKDIV1
CLKDIV2
24
25
XTAL1
XTAL2
AUX1UC 27
AUX2UC 28
26
I/OUC
22
4 PGND
8 VUP
17 VCC
14 CGND
16 RST
CLK
15
PRES
10
9 PRES
13 AUX1
12 AUX2
11 I/O
SUPPLY
INTERNAL
REFERENCE
Vref
VOLTAGE SENSE
ALARM
POWER_ON
DC/DC CONVERTER
INTERNAL OSCILLATOR
2.5 MHz
EN1 CLKUP
EN2
PVCC
VCC
GENERATOR
EN5
RST
BUFFER
GND
HORSEQ
CLOCK
CIRCUITRY
CLK
SEQUENCER
EN4
BUFFER
CLOCK
EN3
OSCILLATOR
THERMAL
PROTECTION
I/O
TRANSCEIVER
I/O
TRANSCEIVER
I/O
TRANSCEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com