Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 14 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies UTDA8024 Datasheet HTML 10Page - Unisonic Technologies UTDA8024 Datasheet HTML 11Page - Unisonic Technologies UTDA8024 Datasheet HTML 12Page - Unisonic Technologies UTDA8024 Datasheet HTML 13Page - Unisonic Technologies UTDA8024 Datasheet HTML 14Page - Unisonic Technologies UTDA8024 Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
14 of 15
www.unisonic.com.tw
QW-R113-014.a
TYPICAL APPLICATION CIRCUIT
Notes: 1. These capacitors must be of the low ESR-type and be placed near the IC (within 100mm).
2. UTC UTDA8024 and the microcontroller must use the same VDD supply.
3. Make short, straight connections between CGND, C5 and the ground connection to the capacitor.
4. Mount one low ESR-type 100nF capacitor close to pin VCC.
5. Mount one low ESR-type 100 or 220nF capacitor close to C1 contact (less than 100mm from it).
6. The connection to C3 should be routed as far from C2, C7, C4 and C8 and, if possible, surrounded by
grounded tracks.
7. Optional resistor bridge for changing the threshold of VDD. If this bridge is not required pin 18 should be
connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com