Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTDA8024 Datasheet HTML 1Page - Unisonic Technologies UTDA8024 Datasheet HTML 2Page - Unisonic Technologies UTDA8024 Datasheet HTML 3Page - Unisonic Technologies UTDA8024 Datasheet HTML 4Page - Unisonic Technologies UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 15
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R113-014.a
IC CARD INTERFACE
DESCRIPTION
The UTC UTDA8024 is analog interface IC for 3V or 5V smart
cards. It is placed between the card and the microcontroller to
perform communication, control function, all supply and protection
functions. It requires very few external components for
application. It can be applied in many fields, such as IC card
readers for banking, pay TV, Identification, Electronic payment,
etc.
FEATURES
* Three specifically protected half-duplex bidirectional buffered
I/O lines to card contacts C4, C7 and C8
* Automatic activation and deactivation sequences; initiated by
software or by hardware in the event of a short-circuit, card
take-off, overheating, VDD or VDDP drop-out
* 26MHz integrated crystal oscillator
* DC/DC converter for VCC generation separately powered from a
5 V ± 20% supply (VDDP and PGND)
* 3V or 5V ± 5% regulated card supply voltage (VCC) with
appropriate decoupling has the following capabilities:
- ICC<80mA at VDDP=4~6.5V
- Handles current spikes of 40nAs up to 20MHz
- Controls rise and fall times
- Filtered overload detection at approximately 120mA
* Built-in debounce on card presence contacts
* Supply supervisor for spike-killing during power-on and
power-off and Power-on reset (threshold fixed internally
or externally by a resistor bridge)
* Thermal and short-circuit protection on all card contacts
* Clock generation for cards up to 20MHz (divided by 1, 2, 4 or 8
through CLKDIV1 and CLKDIV2 signals) with synchronous
frequency changes
* Non-inverted control of RST via pin RSTIN
* ISO 7816, GSM11.11 and EMV (payment systems)
Compatibility
* Enhanced ESD protection on card side (>6kV)
* One multiplexed status signal OFF
TSSOP-28


Similar Part No. - UTDA8024

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTD10001001 TELEDYNE-UTD10001001 Datasheet
141Kb / 4P
Analog Level Detectors 10 to 1000 MHz
UTD2002 TELEDYNE-UTD2002 Datasheet
106Kb / 4P
Threshold Detector 10 to 2000 MHz
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
Threshold Detector 10 to 2000 MHz
logo
Unisonic Technologies
UTD20N03 UTC-UTD20N03 Datasheet
132Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER M OSFET
UTD20N03G-TN3-R UTC-UTD20N03G-TN3-R Datasheet
132Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER M OSFET
More results

Similar Description - UTDA8024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
IC card interface
2004 May 10
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
IC card interface
1999 Dec 30
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
IC card interface
2004 July 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
IC card interface
Rev. 01-6 April 2009
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
IC card interface
2004 July 12
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
Smart Card Interface IC
October, 2012 ??Rev. 4
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
IC card interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com