Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UTDA8024 Datasheet HTML 4Page - Unisonic Technologies UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies UTDA8024 Datasheet HTML 10Page - Unisonic Technologies UTDA8024 Datasheet HTML 11Page - Unisonic Technologies UTDA8024 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 15
www.unisonic.com.tw
QW-R113-014.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data lines (pins I/O, I/OUC, AUX1, AUX2, AUX1UC and AUX2UC)
I/O to I/OUC, I/OUC to I/O Falling
Edge Delay
td(I/O-I/OUC),
td(I/OUC-I/O)
200
ns
Active Pull-Up Pulse Width
tpu
100
ns
Maximum Frequency On Data
Lines
fI/O(max)
1
MHz
Input Capacitance On Data Lines
Ci
10
pF
Data lines to card reader (pins I/O, AUX1 and AUX2; with integrated 11kΩ pull-up resistors to VCC)
No Load
0
0.1
V
Output Voltage
Vo(inactive) Inactive Mode
Io(inactive)=1mA
0.3
V
Output Current
Io(inactive)
Inactive Mode, Pin Grounded
-1
mA
IOL=1mA
0
0.3
V
LOW-Level Output Voltage
VOL
IOL≥15mA
VCC-0.4
VCC
V
No DC Load
0.9VCC
VCC+0.1
V
5 and 3V Cards, IOH<-40µA
0.75VCC
VCC+0.1
V
HIGH-Level Output Voltage
VOH
OH
I
≥10mA
0
0.4
V
LOW-Level Input Voltage
VIL
0.3
0.8
V
HIGH-Level Input Voltage
VIH
1.5
VCC+0.3
V
LOW-Level Input Current
IL
I
VIL=0V
600
µA
HIGH-Level Input Leakage Current
LIH
I
VIH=VCC
10
µA
Data Input Transition Time
tt(DI)
VIL(max) to VIH(min)
1.2
µs
Data Output Transition Time
tt(DO)
Vo=0~VCC, CL≤80pF,
10% to 90%
0.1
µs
Integrated Pull-Up Resistor
Rpu
Pull-Up Resistor to VCC
18
kΩ
Current When Pull-Up Active
Ipu
VOH=0.9VCC, C=80pF
-1
mA
Data lines to microcontroller
(pins I/OUC, AUX1UC and AUX2UC; with integrated 11kΩ pull-up resistors to VDD)
LOW-Level Output Voltage
VOL
IOL=1mA
0
0.3
V
No DC Load
0.9VDD
VDD+0.1
V
HIGH-Level Output Voltage
VOH
5 and 3V Cards, IOH<-40µA
0.75VDD
VDD+0.1
V
LOW-Level Input Voltage
VIL
-0.3
+0.3VDD
V
HIGH-Level Input Voltage
VIH
0.7VDD
VDD+0.3
V
HIGH-Level Input Leakage Current
LIH
I
VIH=VDD
10
µA
LOW-Level Input Current
L
I
VIL=0V
600
µA
Integrated Pull-Up Resistor
Rpu
Pull-Up Resistor to VCC
18
kΩ
Data Input Transition Time
tt(DI)
VIL(max) to VIH(min)
1.2
µs
Data Output Transition Time
tt(DO)
Vo=0~VDD, CL<30pF,
10% to 90%
0.1
µs
Current When Pull-Up Active
Ipu
VOH=0.9VDD, C=30pF
-1
mA
Internal oscillator
Inactive Mode
55
140
200
kHz
Frequency of Internal Oscillator
fOSC(int)
Active Mode
2.2
2.7
3.2
MHz
Reset output to card reader (pin RST)
No Load
0
0.1
V
Output Voltage
Vo(inactive) Inactive Mode
Io(inactive)=1mA
0
0.3
V
Output Current
Io(inactive)
Inactive Mode, Pin Grounded
0
-1
mA
RSTIN to RST Delay
td(RSTIN-RST) RST Enabled
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com