Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTDA8024 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies UTDA8024 Datasheet HTML 10Page - Unisonic Technologies UTDA8024 Datasheet HTML 11Page - Unisonic Technologies UTDA8024 Datasheet HTML 12Page - Unisonic Technologies UTDA8024 Datasheet HTML 13Page - Unisonic Technologies UTDA8024 Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 15
www.unisonic.com.tw
QW-R113-014.a
ELECTRICAL CHARACTERISTICS (Cont.)
Notes: 1. All parameters remain within limits but are tested only statistically for the temperature range. When a
parameter is specified as a function of VDD or VCC it means their actual value at the moment of
measurement.
2. If no external bridge is used then, to avoid any disturbance, it is recommended to connect pin 18 to
ground.
3. To meet these specifications, pin VCC should be decoupled to CGND using two ceramic multilayer
capacitors of low ESR both with values of 100nF, or one 100nF and one 220nF (see Fig. 6)
4. Permitted capacitor values are 100, or 100 + 100, or 220, or 220 + 100, or 330nF.
5. Transition time and duty factor definitions are shown in Fig.5,
2
1
1
t
+
t
t
=
δ
6. Pin CMDVCC is active LOW; pin RSTIN is active HIGH; for CLKDIV1 and CLKDIV2 functions see Table
1.
7. Pin PRES is active LOW; pin PRES is active HIGH; PRES has an integrated 1.25µA current source to
GND (PRES to VDD); the card is considered present if at least one of the inputs PRES or PRES is active.
Table 1 Clock frequency selection (Note)
CLKDIV1
CLKDIV2
fCLK
0
0
8
fXTAL
0
1
4
fXTAL
1
1
2
fXTAL
1
0
fXTAL
Note: The status of pins CLKDIV1 and CLKDIV2must not be changed simultaneously; a delay of 10ns minimum
between changes is needed; the minimum duration of any state of CLK is eight periods of XTAL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com