Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3L4053_15 Datasheet HTML 1Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 2Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 3Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 4Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 5Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 6Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 7Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
4 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
9.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
Table 3.
Pin description
Symbol
Pin
Description
SOT1039-2
SOT403-1
E
4
6
enable input (active LOW)
n.c.
5
7
not connected
GND
6
8
ground (0 V)
1S, 2S, 3S
9, 8, 7
11, 10 ,9
select input
1Y0, 2Y0, 3Y0
10, 16, 3
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
11, 15, 1
13, 1, 3
independent input or output
1Z , 2Z, 3Z
12, 13, 2
14, 15, 4
independent output or input
VCC
14
16
supply voltage
Table 4.
Function table
Inputs
Channel on
E
nS
LLnY0 to nZ
L
H
nY1 to nZ
H
X
switches off
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
VI
input voltage
nS and
E
[1]
0.5
+4.6
V
VSW
switch voltage
[2]
0.5
VCC + 0.5 V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
50
mA
ISW
switch current
VSW > 0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
350
mA
VSW > 0.5 V or VSW < VCC + 0.5 V;
pulsed at 1 ms duration, < 10 % duty cycle;
peak current
-
500
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto +125 C
HXQFN16
[3] -250
mW
TSSOP16
[4] -500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com