Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 10Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 11Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 12Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 13Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 14Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 15Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
12 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
a. Test circuit
b. Input and output measurement points
Fig 16. Test circuit for measuring break-before-make timing
V
001aal743
VCC
VIL
E
nY0
nY1
nS
GND
nZ
G
VEXT = 1.5 V
VI
VO
CL
RL
001aag572
VI
tb-m
VO
0.9VO
0.9VO
0.5VI
Test data is given in Table 11.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
VI may be connected to nS or E.
Fig 17. Test circuit for measuring switching times
V
001aal744
VCC
VIL
E
nY0
nY1
nS
GND
nZ
G
VEXT = 1.5 V
VI
VO
CL
RL
switch
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com