Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NX3L4053_15 Datasheet HTML 10Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 11Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 12Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 13Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 14Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 15Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 16Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 17Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
14 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
12.3 Test circuits
Fig 18. Test circuit for measuring total harmonic distortion
D
001aal745
VCC
0.5VCC
VIL or VIH
VIL
E
nY0
nY1
nS
GND
nZ
switch
1
2
VIL
VIH
VIL
VIL
nS
switch
1
2
E
RL
fi
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads 3dB.
Fig 19. Test circuit for measuring the frequency response when channel is in ON-state
dB
001aal746
VCC
0.5VCC
VIL or VIH
VIL
E
nY0
nY1
nS
GND
nZ
switch
1
2
VIL
VIH
VIL
VIL
nS
switch
1
2
E
RL
fi
Adjust fi voltage to obtain 0 dBm level at input.
Fig 20. Test circuit for measuring isolation (OFF-state)
dB
001aal747
VCC
0.5VCC
VIL or VIH
VIH
E
nY0
nY1
nS
GND
nZ
switch
1
2
VIH
VIL
VIH
VIH
nS
switch
1
2
E
RL
0.5VCC
RL
fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com