Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3L4053_15 Datasheet HTML 1Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 2Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 3Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 4Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 5Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 6Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 7Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
5 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed but may not
exceed 4.6 V.
[3]
For HXQFN16 package: above 135
C the value of P
tot derates linearly with 16.9 mW/K.
[4]
For TSSOP16 package: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
10. Recommended operating conditions
[1]
To avoid sinking GND current from terminal nZ when switch current flows in terminal nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nYn. In this case, there
is no limit for the voltage drop across the switch.
11. Static characteristics
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.4
4.3
V
VI
input voltage
nS and
E
04.3
V
VSW
switch voltage
[1] 0VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
nS and
E; VCC = 1.4 V to 4.3 V
-
200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Min
Max
(85
C)
Max
(125
C)
VIH
HIGH-level
input voltage
VCC = 1.4 V to 1.6 V
0.9
-
-
0.9
-
-
V
VCC = 1.65 V to 1.95 V
0.9
-
-
0.9
-
-
V
VCC = 2.3 V to 2.7 V
1.1
-
-
1.1
-
-
V
VCC = 2.7 V to 3.6 V
1.3
-
-
1.3
-
-
V
VCC = 3.6 V to 4.3 V
1.4
-
-
1.4
-
-
V
VIL
LOW-level
input voltage
VCC = 1.4 V to 1.6 V
-
-
0.3
-
0.3
0.3
V
VCC = 1.65 V to 1.95 V
-
-
0.4
-
0.4
0.3
V
VCC = 2.3 V to 2.7 V
-
-
0.4
-
0.4
0.4
V
VCC = 2.7 V to 3.6 V
-
-
0.5
-
0.5
0.5
V
VCC = 3.6 V to 4.3 V
-
-
0.6
-
0.6
0.6
V
II
input leakage
current
nS and
E;
VI =GND to 4.3V;
VCC = 1.4 V to 4.3 V
--
-
-
0.5
1
A
IS(OFF)
OFF-state
leakage
current
nY0 and nY1 port;
see Figure 5
VCC = 1.4 V to 3.6 V
-
-
5-
50
500
nA
VCC = 3.6 V to 4.3 V
-
-
10
-
50
500
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com