Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX3L4053_15 Datasheet HTML 2Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 3Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 4Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 5Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 6Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 7Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
6 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
11.1 Test circuits
IS(ON)
ON-state
leakage
current
nZ port;
VCC = 1.4 V to 3.6 V;
see Figure 6
VCC = 1.4 V to 3.6 V
-
-
5-
50
500
nA
VCC = 3.6 V to 4.3 V
-
-
10
-
50
500
nA
ICC
supply current
VI =VCC or GND;
VSW =GND or VCC
VCC = 3.6 V
-
-
100
-
500
5000
nA
VCC = 4.3 V
-
-
150
-
800
6000
nA
I
CC
additional
supply current
VSW =GND or VCC
VI = 2.6 V; VCC =4.3 V
-
2.0
4.0
-
7
7
A
VI = 2.6 V; VCC = 3.6 V
-
0.35
0.7
-
1
1
A
VI = 1.8 V; VCC = 4.3 V
-
7.0
10.0
-
15
15
A
VI = 1.8 V; VCC =3.6 V
-
2.5
4.0
-
5
5
A
VI = 1.8 V; VCC = 2.5 V
-
50
200
-
300
500
nA
CI
input
capacitance
nS and
E
-
1.0
---
-
pF
CS(OFF)
OFF-state
capacitance
-
35
---
-
pF
CS(ON)
ON-state
capacitance
-
130
---
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Min
Max
(85
C)
Max
(125
C)
VI =0.3V orVCC  0.3 V; VO =VCC  0.3 V or 0.3 V.
Fig 5.
Test circuit for measuring OFF-state leakage current
IS
001aal739
VCC
VIL or VIH
VIH
VI
VO
E
nY0
nY1
nS
GND
nZ
switch
1
2
VIL
VIH
VIH
VIH
nS
switch
1
2
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com