Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX3L4053_15 Datasheet HTML 3Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 4Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 5Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 6Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 7Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 10Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
7 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
11.2 ON resistance
[1]
For NX3L4053PW (TSSOP16 package), all ON resistance values are up to 0.05
 higher.
[2]
Typical values are measured at Tamb = 25 C.
[3]
Measured at identical VCC, temperature and input voltage.
[4]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
VI =0.3V orVCC  0.3 V; VO =VCC  0.3 V or 0.3 V.
Fig 6.
Test circuit for measuring ON-state leakage current
IS
001aal740
VCC
VIL or VIH
VIL
VI
VO
E
nY0
nY1
nS
GND
nZ
switch
1
2
VIL
VIH
VIL
VIL
nS
switch
1
2
E
Table 8.
ON resistance[1]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 8 to Figure 14.
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[2]
Max
Min
Max
RON(peak) ON resistance
(peak)
VI =GND to VCC;
ISW = 100 mA; see Figure 7
VCC = 1.4 V
-
1.8
3.8
-
4.2
VCC = 1.65 V
-
1.0
1.7
-
1.8
VCC = 2.3 V
-
0.6
0.9
-
1.0
VCC = 2.7 V
-
0.6
0.80
-
1.0
VCC = 4.3 V
-
0.5
0.80
-
1.0
R
ON
ON resistance
mismatch
between
channels
VI =GND to VCC;
ISW = 100 mA
[3]
VCC =1.4 V; VSW = 0.4 V
-
0.23
0.38
-
0.38
VCC =1.65V; VSW = 0.5 V
-
0.23
0.28
-
0.38
VCC =2.3 V; VSW = 0.7 V
-
0.12
0.15
-
0.18
VCC =2.7 V; VSW = 0.8 V
-
0.12
0.15
-
0.18
VCC =4.3 V; VSW = 0.8 V
-
0.12
0.15
-
0.18
RON(flat)
ON resistance
(flatness)
VI =GND to VCC;
ISW = 100 mA
[4]
VCC = 1.4 V
-
1.0
3.3
-
3.6
VCC = 1.65 V
-
0.5
1.2
-
1.3
VCC = 2.3 V
-
0.15
0.3
-
0.35
VCC = 2.7 V
-
0.13
0.3
-
0.35
VCC = 4.3 V
-
0.2
0.4
-
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com