Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX3L4053 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3L4053_15 Datasheet HTML 7Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 10Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 11Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 12Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 13Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 14Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
11 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
[1]
Typical values are measured at Tamb = 25 C and VCC = 1.5 V, 1.8 V, 2.5 V, 3.3 V and 4.3 V respectively.
[2]
Break-before-make guaranteed by design.
12.1 Waveform and test circuits
tb-m
break-before-make
time
see Figure 16
[2]
VCC = 1.4 V to 1.6 V
-
19
-
9
-
-
ns
VCC = 1.65 V to 1.95 V
-
17
-
7
-
-
ns
VCC = 2.3 V to 2.7 V
-
13
-
4
-
-
ns
VCC = 2.7 V to 3.6 V
-
10
-
3
-
-
ns
VCC = 3.6 V to 4.3 V
-
9
-
2
-
-
ns
Table 9.
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 17.
Symbol
Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
Measurement points are given in Table 10.
Logic level: VOH is typical output voltage level that occurs with the output load.
Fig 15. Enable and disable times
001aal742
VM
VI
VOH
VOH
GND
output
OFF to HIGH
HIGH to OFF
output
HIGH to OFF
OFF to HIGH
GND
GND
VM
VX
VX
VX
VX
tdis
ten
ten
tdis
nS, E input
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VX
1.4 V to 4.3 V
0.5VCC
0.9VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com