Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 3 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 3 Page - Intersil Corporation

  ZL6105ALAF Datasheet HTML 1Page - Intersil Corporation ZL6105ALAF Datasheet HTML 2Page - Intersil Corporation ZL6105ALAF Datasheet HTML 3Page - Intersil Corporation ZL6105ALAF Datasheet HTML 4Page - Intersil Corporation ZL6105ALAF Datasheet HTML 5Page - Intersil Corporation ZL6105ALAF Datasheet HTML 6Page - Intersil Corporation ZL6105ALAF Datasheet HTML 7Page - Intersil Corporation ZL6105ALAF Datasheet HTML 8Page - Intersil Corporation ZL6105ALAF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ZL6105
3
FN6906.5
December 19, 2013
Typical Application Circuit
The following application circuit represents a typical implementation of the ZL6105. For enable using the PMBus, it is recommended to
tie the enable pin (EN) to SGND.
ZL6105
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
DGND
SYNC
SA0
SA1
ILIM
CFG0
SCL
SDA
SALRT
VDD
BST
GH
SW
PGND
GL
VR
ISENA
ISENB
VIN
10 µF
4 V
CIN
3 x 10 µF
25 V
LOUT
I2C/SMBus 2
POWER GOOD OUTPUT
CV25
DB
BAT54
CB
1 µF
16 V
QH
QL
2.2 µH
COUT
2 x 47 µF
6.3 V
4.7 µF
CVR
6.3 V
VOUT
RTN
EPAD
12V
V25
470 µF
2.5 V
POS-CAP
2*220 µF
6.3 V
100 m
ENABLE
F.B.1
Ground unification
4.7 µF
25 V
DDC Bus 3
Notes:
1. Ferrite bead is optional for input noise suppression
2. The I2C/SMBus requires pull-up resistors. Please refer to the I2C/SMBus specifications for more details.
3. The DDC bus requires a pull-up resistor. The resistance will vary based on the capacitive loading of the bus (and on the number of devices
connected). The 10 k
default value, assuming a maximum of 100 pF per device, provides the necessary 1 µs pull-up rise time. Please refer to the
DDC Bus section for more details.
PHASE ENABLE
FIGURE 3. 12V TO 1.8V/16A APPLICATION CIRCUIT
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com