Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 21 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 17Page - Intersil Corporation ZL6105ALAF Datasheet HTML 18Page - Intersil Corporation ZL6105ALAF Datasheet HTML 19Page - Intersil Corporation ZL6105ALAF Datasheet HTML 20Page - Intersil Corporation ZL6105ALAF Datasheet HTML 21Page - Intersil Corporation ZL6105ALAF Datasheet HTML 22Page - Intersil Corporation ZL6105ALAF Datasheet HTML 23Page - Intersil Corporation ZL6105ALAF Datasheet HTML 24Page - Intersil Corporation ZL6105ALAF Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ZL6105
21
FN6906.5
December 19, 2013
Loop Compensation
The ZL6105 operates as a voltage-mode synchronous buck
controller with a fixed frequency PWM scheme. Although the
ZL6105 uses a digital control loop, it operates much like a
traditional analog PWM controller. Figure 13 is a simplified block
diagram of the ZL6105 control loop, which differs from an
analog control loop only by the constants in the PWM and
compensation blocks. As in the analog controller case, the
compensation block compares the output voltage to the desired
voltage reference and compensates to keep the loop stable. The
resulting integrated error signal is used to drive the PWM logic,
converting the error signal to a duty cycle to drive the external
MOSFETs.
The ZL6105 has an auto compensation feature that measures
the characteristics of the power train and calculates the proper
tap coefficients. Auto compensation is configured using the FC0
and FC1 pins as shown in Table 16 and Table 17.
When auto compensation is enabled, the routine can be set to
execute one time after ramp or periodically while regulating.
Note that the Auto Compensation feature requires a minimum
TON_DELAY as described in “Soft-Start Delay and Ramp Times”
on page 14.
If the device is configured to store auto comp values, the
calculated compensation values will be saved in the Auto Comp
Store and may be read back through the PID_TAPS command. If
repeat mode is enabled, the first Auto Comp results after the first
ramp will be stored; the values calculated periodically are not
stored in the Auto Comp Store. When compensation values are
saved in the Auto Comp Store, the device will use those
compensation values on subsequent ramps. In repeat mode, the
latest Auto Comp results will always be used during operation.
Stored Auto Comp results can only be cleared by disabling Auto
Comp Store, which is not permitted while the output is enabled.
However, sending the AUTOCOMP_CONTROL command while
enabled in Store mode will cause the next results to be stored,
overwriting previously stored values. If auto compensation is
disabled, the device will use the compensation parameters that
are stored in the DEFAULT_STORE or USER_STORE.
If the PG Assert parameter is set to "Use PG Delay," PG will be asserted
according to the POWER_GOOD_DELAY command, after which Auto
Comp will begin. When Auto Comp is enabled, the user must not
program a Power-Good Delay that will expire before the ramp is
finished. If PG Assert is set to "After Auto Comp," PG will be asserted
immediately after the first Auto Comp cycle completes
(POWER_GOOD_DELAY will be ignored).
The Auto Comp Gain control scales the Auto Comp results to
allow a trade-off between transient response and steady-state
duty cycle jitter. A setting of 100% will provide the fastest
transient response while a setting of 10% will produce the lowest
jitter.
Note that if Auto Comp is enabled, for best results Vin must be
stable before Auto Comp begins, as shown in Equation 31.
The auto compensation function can also be configured via the
AUTO_COMP_CONFIG command and controlled using the
AUTO_COMP_CONTROL command over the I2C/SMBus interface.
Please refer to Application Note AN2033 for further details.
D
1-D
VIN
VOUT
L
C
DPWM
RC
Compensation
RO
FIGURE 13. CONTROL LOOP BLOCK DIAGRAM
TABLE 16. FC0 PIN-STRAP SETTINGS
FC0 PIN
STORE VALUES
SINGLE/REPEAT
PG ASSERT
LOW
Auto Comp Disabled
OPEN
Not Stored
Single
After Auto Comp
HIGH
Store in Flash
Single
After Auto Comp
10kΩ
Not Stored
Single
After Auto Comp
11kΩ
Store in Flash
12.1kΩ
Not Stored
Repeat ~1 sec
13.3kΩ
Store in Flash
14.7kΩ
Not Stored
Single
After PG Delay
16.2kΩ
Store in Flash
17.8kΩ
Not Stored
Repeat ~1 sec
19.6kΩ
Store in Flash
21.5kΩ
Not Stored
Single
After Auto Comp
23.7kΩ
Store in Flash
26.1kΩ
Not Stored
Repeat ~1 min
28.7kΩ
Store in Flash
31.6kΩ
Not Stored
Single
After PG Delay
34.8kΩ
Store in Flash
38.3kΩ
Not Stored
Repeat ~1 min
42.2kΩ
Store in Flash
ΔVin
VinNom
---------------------
in%
()
100%
1
256 Vout
•
VinNom
-----------------------------
+
---------------------------------------
≤
(EQ. 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com