Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 19 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation ZL6105ALAF Datasheet HTML 16Page - Intersil Corporation ZL6105ALAF Datasheet HTML 17Page - Intersil Corporation ZL6105ALAF Datasheet HTML 18Page - Intersil Corporation ZL6105ALAF Datasheet HTML 19Page - Intersil Corporation ZL6105ALAF Datasheet HTML 20Page - Intersil Corporation ZL6105ALAF Datasheet HTML 21Page - Intersil Corporation ZL6105ALAF Datasheet HTML 22Page - Intersil Corporation ZL6105ALAF Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ZL6105
19
FN6906.5
December 19, 2013
For the voltage across CL to reflect the voltage across the DCR of
the inductor, the time constant of the inductor must match the
time constant of the RC network as shown in Equation 26:
For L, use the average of the nominal value and the minimum
value. Include the effects of tolerance, DC Bias and switching
frequency on the inductance when determining the minimum
value of L. Use the typical value for DCR.
The value of R1 should be as small as feasible and no greater
than 5k
Ω for best signal-to-noise ratio. The designer should
make sure the resistor package size is appropriate for the power
dissipated and include this loss in efficiency calculations. In
calculating the minimum value of R1, the average voltage across
CL (which is the average IOUTDCR product) is small and can be
neglected. Therefore, the minimum value of R1 may be
approximated by Equation 27:
where PR1pkg-max is the maximum power dissipation
specification for the resistor package and
δP is the derating
factor for the same parameter (eg: PR1pkg-max = 0.0625W for
0603 package,
δP = 50% @ +85°C). Once R1-min has been
calculated, solve for the maximum value of CL from Equation 28:
Next, choose the next-lowest readily available value (eg: For CL-
max = 1.86µF, CL = 1.5µF is a good choice). Then substitute the
chosen value into the same equation and re-calculate the value
of R1. Choose the 1% resistor standard value closest to this
re-calculated value of R1. The error due to the mismatch of the
two time constants is as shown in Equation 29.
The value of R2 should be 2kΩ.
For the rDS(ON) current sensing method, the external low side
MOSFET will act as the sensing element as indicated in
Figure 12.
Current Limit Threshold Selection
It is recommended that the user include a current limiting
mechanism in their design to protect the power supply from
damage and prevent excessive current from being drawn from
the input supply in the event that the output is shorted to ground
or an overload condition is imposed on the output. Current
limiting is accomplished by sensing the current through the
circuit during a portion of the duty cycle.
Output current sensing can be accomplished by measuring the
voltage across a series resistive sensing element according to
Equation 30:
Where:
ILIM is the desired maximum current that should flow in the
circuit.
RSENSE is the resistance of the sensing element.
VLIM is the voltage across the sensing element at the point the
circuit should start limiting the output current.
The ZL6105 supports “lossless” current sensing by measuring
the voltage across a resistive element that is already present in
the circuit. This eliminates additional efficiency losses incurred
by devices that must use an additional series resistance in the
circuit.
To set the current limit threshold, the user must first select a
current sensing method. The ZL6105 incorporates two methods
for current sensing, synchronous MOSFET rDS(ON) sensing and
inductor DC resistance (DCR) sensing; Figure 12 shows a
simplified schematic for each method. The current sensing
method can be selected via the I2C/SMBus interface. Please
refer to Application Note AN2033 for details.
DCR
L
C
R
L
DCR
L
RC
=
⋅
=
1
/
τ
τ
(EQ. 26)
() (
)
P
pkg
R
OUT
OUT
IN
P
V
D
V
V
D
R
δ
⋅
⋅
−
+
−
=
−
−
−
max
1
2
2
max
min
1
1
(EQ. 27)
DCR
R
L
C
L
⋅
=
−
−
min
1
max
(EQ. 28)
%
100
1
1
⋅
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⋅
⋅
−
=
avg
L
L
DCR
C
R
τ
ε
(EQ. 29)
VIN
VOUT
GH
GL
ISENA
ZL
ISENB
SW
Inductor DCR Sensing
(VOUT must be less than 4.0 V)
VIN
VOUT
GH
GL
ISENA
ZL
ISENB
SW
MOSFET RDS(ON) Sensing
FIGURE 12. CURRENT SENSING METHODS
SENSE
LIM
LIM
R
I
V
×
=
(EQ. 30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com