Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 13 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 9Page - Intersil Corporation ZL6105ALAF Datasheet HTML 10Page - Intersil Corporation ZL6105ALAF Datasheet HTML 11Page - Intersil Corporation ZL6105ALAF Datasheet HTML 12Page - Intersil Corporation ZL6105ALAF Datasheet HTML 13Page - Intersil Corporation ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation ZL6105ALAF Datasheet HTML 16Page - Intersil Corporation ZL6105ALAF Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ZL6105
13
FN6906.5
December 19, 2013
The output voltage can be determined from the R0 (Index0) and
R1 (Index1) values using Equation 4:
Single Resistor Output Voltage Setting Mode
Some applications desire the output voltage to be set using a
single resistor. This can be accomplished using a resistor on the
V1 pin while the V0 pin is tied to SGND. Table 4 lists the available
output voltage settings with a single resistor.
SMBus Mode
The output voltage may be set to any value between 0.6V and
5.0V using a PMBus command over the I2C/SMBus interface.
See Application Note AN2033 for details.
Start-up Procedure
The ZL6105 follows a specific internal start-up procedure after
power is applied to the VDD pin. Table 5 describes the start-up
sequence.
If the device is to be synchronized to an external clock source, the
clock frequency must be stable prior to asserting the EN pin. The
device requires approximately 5ms to 10ms to check for specific
values stored in its internal memory. If the user has stored values
in memory, those values will be loaded. The device will then
check the status of all multi-mode pins and load the values
associated with the pin settings.
Once this process is completed, the device is ready to accept
commands via the I2C/SMBus interface and the device is ready
to be enabled. Once enabled, the device requires a minimum
delay period following an enable signal and prior to ramping its
output, as described in “Soft-Start Delay and Ramp Times” on
page 14. If a soft-start delay period less than the minimum has
been configured (using PMBus commands), the device will
default to the minimum delay period. If a delay period greater
than the minimum is configured, the device will wait for the
configured delay period prior to starting to ramp its output.
After the delay period has expired, the output will begin to ramp
towards its target voltage according to the pre-configured
soft-start ramp time that has been set using the SS pin. It should
be noted that if the EN pin is tied to VDD, the device will still
require approximately 5ms to 10ms before the output can begin
its ramp-up as described in Table 5.
TABLE 4. SINGLE RESISTOR VOUT SETTING
RV1
(kΩ)RV0
VOUT
10
LOW
0.60
11
LOW
0.65
12.1
LOW
0.70
13.3
LOW
0.75
14.7
LOW
0.80
16.2
LOW
0.85
17.8
LOW
0.90
19.6
LOW
0.95
21.5
LOW
1.00
23.7
LOW
1.05
26.1
LOW
1.10
28.7
LOW
1.15
31.6
LOW
1.20
34.8
LOW
1.25
38.3
LOW
1.30
42.2
LOW
1.40
46.4
LOW
1.50
51.1
LOW
1.60
56.2
LOW
1.70
61.9
LOW
1.80
68.1
LOW
1.90
75
LOW
2.00
82.5
LOW
2.10
90.9
LOW
2.20
100
LOW
2.30
110
LOW
2.50
121
LOW
3.00
100
)
1
25
(
0
Index
Index
V
OUT
×
+
=
(EQ. 4)
133
LOW
3.30
147
LOW
4.00
162
LOW
5.00
178
LOW
5.50
TABLE 4. SINGLE RESISTOR VOUT SETTING (Continued)
RV1
(kΩ)RV0
VOUT
VIN
VOUT
1.33V
GH
GL
ZL
SW
V0
R0
21.5 kΩ
V1
R1
16.2 kΩ
FIGURE 9. OUTPUT VOLTAGE RESISTOR SETTING EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com