Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 23 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 19Page - Intersil Corporation ZL6105ALAF Datasheet HTML 20Page - Intersil Corporation ZL6105ALAF Datasheet HTML 21Page - Intersil Corporation ZL6105ALAF Datasheet HTML 22Page - Intersil Corporation ZL6105ALAF Datasheet HTML 23Page - Intersil Corporation ZL6105ALAF Datasheet HTML 24Page - Intersil Corporation ZL6105ALAF Datasheet HTML 25Page - Intersil Corporation ZL6105ALAF Datasheet HTML 26Page - Intersil Corporation ZL6105ALAF Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ZL6105
23
FN6906.5
December 19, 2013
If the desired UVLO threshold is not one of the listed choices, the
user can configure a threshold between 2.85V and 16V by
connecting a resistor between the UVLO pin and SGND by
selecting the appropriate resistor from Table 19.
The UVLO voltage can also be set to any value between 2.85V
and 16V via the I2C/SMBus interface.
Once an input undervoltage fault condition occurs, the device
can respond in a number of ways as follows:
1. Continue operating without interruption.
2. Continue operating for a given delay period, followed by
shutdown if the fault still exists. The device will remain in
shutdown until instructed to restart.
3. Initiate an immediate shutdown until the fault has been
cleared. The user can select a specific number of retry
attempts.
The default response from a UVLO fault is an immediate
shutdown of the device. The device will continuously check for
the presence of the fault condition. If the fault condition is no
longer present, the ZL6105 will be re-enabled.
Please refer to Application Note AN2033 for details on how to
configure the UVLO threshold or to select specific UVLO fault
response options via the I2C/SMBus interface.
Output Overvoltage Protection
The ZL6105 offers an internal output overvoltage protection
circuit that can be used to protect sensitive load circuitry from
being subjected to a voltage higher than its prescribed limits. A
hardware comparator is used to compare the actual output
voltage (seen at the VSEN pin) to a threshold set to 15% higher
than the target output voltage (the default setting). If the VSEN
voltage exceeds this threshold, the PG pin will de-assert and the
device can then respond in a number of ways as follows:
1. Initiate an immediate shutdown until the fault has been
cleared. The user can select a specific number of retry
attempts.
2. Turn off the high-side MOSFET and turn on the low-side
MOSFET. The low-side MOSFET remains ON until the device
attempts a restart.
The default response from an overvoltage fault is to immediately
shut down. The device will continuously check for the presence of
the fault condition, and when the fault condition no longer exists
the device will be re-enabled.
For continuous overvoltage protection when operating from an
external clock, the only allowed response is an immediate
shutdown.
Please refer to Application Note AN2033 for details on how to
select specific overvoltage fault response options via I2C/SMBus.
Output Pre-Bias Protection
An output pre-bias condition exists when an externally applied
voltage is present on a power supply’s output before the power
supply’s control IC is enabled. Certain applications require that
the converter not be allowed to sink current during start up if a
pre-bias condition exists at the output. The ZL6105 provides
pre-bias protection by sampling the output voltage prior to
initiating an output ramp.
If a pre-bias voltage lower than the target voltage exists after the
pre-configured delay period has expired, the target voltage is set
to match the existing pre-bias voltage and both drivers are
enabled. The output voltage is then ramped to the final
regulation value at the ramp rate set by the SS pin.
The actual time the output will take to ramp from the pre-bias
voltage to the target voltage will vary depending on the pre-bias
voltage but the total time elapsed from when the delay period
expires and when the output reaches its target value will match
the pre-configured ramp time. See Figure 14.
If a pre-bias voltage higher than the target voltage exists after the
pre-configured delay period has expired, the target voltage is set
to match the existing pre-bias voltage and both drivers are
enabled with a PWM duty cycle that would ideally create the pre-
bias voltage.
Once the pre-configured soft-start ramp period has expired, the
PG pin will be asserted (assuming the pre-bias voltage is not
higher than the overvoltage limit). The PWM will then adjust its
duty cycle to match the original target voltage and the output will
ramp down to the pre-configured output voltage.
If a pre-bias voltage higher than the overvoltage limit exists, the
device will not initiate a turn-on sequence and will declare an
overvoltage fault condition to exist. In this case, the device will
respond based on the output overvoltage fault response method
that has been selected. See “Output Overvoltage Protection” on
page 23 for response options due to an overvoltage condition.
TABLE 19. UVLO THRESHOLD RESISTOR SETTINGS
RUVLO
(k
Ω)
UVLO
(V)
RUVLO
(k
Ω)
UVLO
(V)
17.8
2.85
46.4
7.42
19.6
3.14
51.1
8.18
21.5
3.44
56.2
8.99
23.7
3.79
61.9
9.9
26.1
4.18
68.1
10.9
28.7
4.59
75
12
31.6
5.06
82.5
13.2
34.8
5.57
90.9
14.54
38.3
6.13
100
16
42.2
6.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com