Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 22 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 18Page - Intersil Corporation ZL6105ALAF Datasheet HTML 19Page - Intersil Corporation ZL6105ALAF Datasheet HTML 20Page - Intersil Corporation ZL6105ALAF Datasheet HTML 21Page - Intersil Corporation ZL6105ALAF Datasheet HTML 22Page - Intersil Corporation ZL6105ALAF Datasheet HTML 23Page - Intersil Corporation ZL6105ALAF Datasheet HTML 24Page - Intersil Corporation ZL6105ALAF Datasheet HTML 25Page - Intersil Corporation ZL6105ALAF Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ZL6105
22
FN6906.5
December 19, 2013
Non-linear Response (NLR) Settings
The ZL6105 incorporates a non-linear response (NLR) loop that
decreases the response time and the output voltage deviation in
the event of a sudden output load current step. The NLR loop
incorporates a secondary error signal processing path that
bypasses the primary error loop when the output begins to
transition outside of the standard regulation limits. This scheme
results in a higher equivalent loop bandwidth than what is
possible using a traditional linear loop.
When a load current step function imposed on the output causes
the output voltage to drop below the lower regulation limit, the
NLR circuitry will force a positive correction signal that will turn
on the upper MOSFET and quickly force the output to increase.
Conversely, a negative load step (i.e. removing a large load
current) will cause the NLR circuitry to force a negative correction
signal that will turn on the lower MOSFET and quickly force the
output to decrease.
NLR can be configured using resistor pin-straps as follows:
• CFG0 disables NLR or enables NLR inner thresholds to 1.5%,
2% or 3% (see Table 29).
• CFG1 sets NLR inner thresholds timeout and blanking to 1 and
4 or 2 and 8 (see Table 26).
Please refer to Application Note AN2032 for more details
regarding NLR settings.
Efficiency Optimized Driver Dead-time
Control
The ZL6105 utilizes a closed loop algorithm to optimize the
dead-time applied between the gate drive signals for the top and
bottom FETs. In a synchronous buck converter, the MOSFET drive
circuitry must be designed such that the top and bottom
MOSFETs are never in the conducting state at the same time.
Potentially damaging currents flow in the circuit if both top and
bottom MOSFETs are simultaneously on for periods of time
exceeding a few nanoseconds. Conversely, long periods of time in
which both MOSFETs are off reduce overall circuit efficiency by
allowing current to flow in their parasitic body diodes.
It is therefore advantageous to minimize this dead-time to
provide optimum circuit efficiency. In the first order model of a
buck converter, the duty cycle is determined by Equation 32:
However, non-idealities exist that cause the real duty cycle to
extend beyond the ideal. Dead-time is one of those non-idealities
that can be manipulated to improve efficiency. The ZL6105 has
an internal algorithm that constantly adjusts dead-time
non-overlap to minimize duty cycle, thus maximizing efficiency.
This circuit will null out dead-time differences due to component
variation, temperature, and loading effects.
This algorithm is independent of application circuit parameters such
as MOSFET type, gate driver delays, rise and fall times and circuit
layout. In addition, it does not require drive or MOSFET voltage or
current waveform measurements.
Adaptive Diode Emulation
Most power converters use synchronous rectification to optimize
efficiency over a wide range of input and output conditions.
However, at light loads the synchronous MOSFET will typically
sink current and introduce additional energy losses associated
with higher peak inductor currents, resulting in reduced
efficiency. Adaptive diode emulation mode turns off the low-side
FET gate drive at low load currents to prevent the inductor current
from going negative, reducing the energy losses and increasing
overall efficiency.
Note: the overall bandwidth of the device may be reduced when
in diode emulation mode. It is recommended that diode
emulation is disabled prior to applying significant load steps.
Power Management Functional
Description
Input Undervoltage Lockout
The input undervoltage lockout (UVLO) prevents the ZL6105 from
operating when the input falls below a preset threshold,
indicating the input supply is out of its specified range. The UVLO
threshold (VUVLO) can be set between 2.85V and 16V using the
UVLO pin. The simplest implementation is to connect the UVLO
pin as shown in Table 18. If the UVLO pin is left unconnected, the
UVLO threshold will default to 4.5V.
TABLE 17. FC1 PIN-STRAP SETTINGS
FC1 PIN
AUTO COMP GAIN
LOW
100%
OPEN
50%
HIGH
30%
10kΩ
10%
11kΩ
20%
12.1kΩ
30%
13.3kΩ
40%
14.7kΩ
50%
16.2kΩ
60%
17.8kΩ
70%
19.6kΩ
80%
21.5kΩ
90%
23.7kΩ
100%
TABLE 18. UVLO THRESHOLD PIN-STRAP SETTINGS
UVLO PIN
UVLO THRESHOLD (V)
LOW
3
OPEN
4.5
HIGH
10.8
IN
OUT
V
V
D
≈
(EQ. 32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com