Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6105ALAF Datasheet(PDF) 10 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 6Page - Intersil Corporation ZL6105ALAF Datasheet HTML 7Page - Intersil Corporation ZL6105ALAF Datasheet HTML 8Page - Intersil Corporation ZL6105ALAF Datasheet HTML 9Page - Intersil Corporation ZL6105ALAF Datasheet HTML 10Page - Intersil Corporation ZL6105ALAF Datasheet HTML 11Page - Intersil Corporation ZL6105ALAF Datasheet HTML 12Page - Intersil Corporation ZL6105ALAF Datasheet HTML 13Page - Intersil Corporation ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ZL6105
10
FN6906.5
December 19, 2013
ZL6105 Overview
Digital-DC Architecture
The ZL6105 is an innovative mixed-signal power conversion and
power management IC based on Zilker Labs patented Digital-DC
technology that provides an integrated, high performance
step-down converter for a wide variety of power supply
applications.
Today’s embedded power systems are typically designed for optimal
efficiency at maximum load, reducing the peak thermal stress by
limiting the total thermal dissipation inside the system.
Unfortunately, many of these systems are often operated at load
levels far below the peak where the power system has been
optimized, resulting in reduced efficiency. While this may not cause
thermal stress to occur, it does contribute to higher electricity usage
and results in higher overall system operating costs.
Zilker Labs’ efficiency-adaptive ZL6105 DC/DC controller helps
mitigate this scenario by enabling the power converter to
automatically change their operating state to increase efficiency
and overall performance with little or no user interaction needed.
Auto compensation is available to eliminate the need for manual
compensation of the PID filter.
Its unique PWM loop utilizes an ideal mix of analog and digital
blocks to enable precise control of the entire power conversion
process with no software required, resulting in a very flexible
device that is also very easy to use. An extensive set of power
management functions are fully integrated and can be
configured using simple pin connections. The user configuration
can be saved in an internal non-volatile memory (NVM).
Additionally, all functions can be configured and monitored via
the SMBus hardware interface using standard PMBus
commands, allowing ultimate flexibility.
Once enabled, the ZL6105 is immediately ready to regulate
power and perform power management tasks with no
programming required. Advanced configuration options and
real-time configuration changes are available via the I2C/SMBus
interface if desired and continuous monitoring of multiple
operating parameters is possible with minimal interaction from a
host controller. Integrated sub-regulation circuitry enables single
supply operation from any supply between 3V and 14V with no
secondary bias supplies needed.
The ZL6105 can be configured by simply connecting its pins
according to the tables provided in the following sections.
Additionally, a comprehensive set of development tools and
application notes are available to help simplify the design
process. An evaluation board is also available to help the user
become familiar with the device. This board can be evaluated as
a standalone platform using pin configuration settings. A
Windows™ based GUI is also provided to enable full configuration
and monitoring capability via the I2C/SMBus interface using an
available computer and the included USB cable.
Application notes are available to assist the user in designing to
specific application demands. Please visit www.intersil.com to
access the most up-to-date documentation.
Power Conversion Overview
The ZL6105 operates as a voltage-mode, synchronous buck
converter with a selectable constant frequency pulse width
modulator (PWM) control scheme that uses external MOSFETs,
capacitors, and an inductor to perform power conversion.
Figure 5 illustrates the basic synchronous buck converter
topology showing the primary power train components. This
converter is also called a step-down converter, as the output
voltage must always be lower than the input voltage. In its most
simple configuration, the ZL6105 requires two external
N-channel power MOSFETs, one for the top control MOSFET (QH)
and one for the bottom synchronous MOSFET (QL). The amount
of time that QH is on as a fraction of the total switching period is
known as the duty cycle D, which is described by Equation 1:
During time D, QH is on and VIN – VOUT is applied across the
inductor. The current ramps up as shown in Figure 6.
When QH turns off (time 1-D), the current flowing in the inductor
must continue to flow from the ground up through QL, during
which the current ramps down. Since the output capacitor COUT
exhibits a low impedance at the switching frequency, the AC
component of the inductor current is filtered from the output
voltage so the load sees nearly a DC voltage.
Typically, buck converters specify a maximum duty cycle that
effectively limits the maximum output voltage that can be realized
for a given input voltage. This duty cycle limit ensures that the
low-side MOSFET is allowed to turn on for a minimum amount of
time during each switching cycle, which enables the bootstrap
capacitor (CB in Figure 6) to be charged up and provide adequate
gate drive voltage for the high-side MOSFET. See “High-side Driver
VIN
VOUT
GH
GL
ZL
SW
VR
BST
QH
QL
CB
DB
COUT
CIN
FIGURE 5. SYNCHRONOUS BUCK CONVERTER
IN
OUT
V
V
D
≈
(EQ. 1)
FIGURE 6. INDUCTOR WAVEFORM
TIME
D
1 - D
0
V
IN - VOUT
-V
OUT
IL
PK
I
O
IL
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com