Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 26Page - Microchip Technology PIC16C925T/CL Datasheet HTML 27Page - Microchip Technology PIC16C925T/CL Datasheet HTML 28Page - Microchip Technology PIC16C925T/CL Datasheet HTML 29Page - Microchip Technology PIC16C925T/CL Datasheet HTML 30Page - Microchip Technology PIC16C925T/CL Datasheet HTML 31Page - Microchip Technology PIC16C925T/CL Datasheet HTML 32Page - Microchip Technology PIC16C925T/CL Datasheet HTML 33Page - Microchip Technology PIC16C925T/CL Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 182 page
background image
PIC16C925/926
DS39544A-page 28
Preliminary
 2001 Microchip Technology Inc.
3.3
Reading the Program Memory
A program memory location may be read by writing two
bytes of the address to the PMADR and PMADRH reg-
isters, and then setting control bit RD (PMCON1<0>).
Once the read control bit is set, the microcontroller will
use the next two instruction cycles to read the data. The
data is available in the PMDATA and PMDATH regis-
ters after the NOP instruction. Therefore, it can be read
as two bytes in the following instructions. The PMDATA
and PMDATH registers will hold this value until another
read operation.
EXAMPLE 3-1:
PROGRAM READ
3.4
Operation During Code Protect
If the program memory is not code protected, the pro-
gram memory control can read anywhere within the
program memory.
If the entire program memory is code protected, the
program memory control can read anywhere within the
program memory.
If only part of the program memory is code protected,
the program memory control can read the unprotected
segment and cannot read the protected segment. The
protected area cannot be read, because it may be
possible to write a downloading routine into the
unprotected segment.
TABLE 3-1:
REGISTERS ASSOCIATED WITH PROGRAM MEMORY
BSF
STATUS, RP1
;
BSF
STATUS, RP0
; Bank 3
MOVLW
MS_PROG_PM_ADDR
;
MOVWF
PMADRH
; MS Byte of Program Address to read
MOVLW
LS_PROG_PM_ADDR
;
MOVWF
PMADR
; LS Byte of Program Address to read
BCF
STATUS, RP0
; Bank 2
BSF
PMCON1, RD
; PM Read
;
; First instruction after BSF PMCON1,RD executes normally
BSF
STATUS, RP0
; Bank 3
;
NOP
; Any instructions here are ignored as program
; memory is read in second cycle after BSF PMCON1,RD
;
MOVF
PMDATA, W
; W = LS Byte of Program PMDATA
MOVF
PMDATH, W
; W = MS Byte of Program PMDATA
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
RESETS
10Ch
PMCON1
(1)
—
—
—
—
—
—
RD
1--- ---0
1--- ---0
18Ch
PMDATA
Data Register Low Byte
xxxx xxxx
uuuu uuuu
18Dh
PMADR
Address Register Low Byte
xxxx xxxx
uuuu uuuu
18Eh
PMDATH
—
—
Data Register High Byte
xxxx xxxx
uuuu uuuu
18Fh
PMADRH
—
—
—
Address Register High Byte
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, r = reserved, - = unimplemented, read as '0'.
Shaded cells are not used during FLASH access.
Note 1: This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com