Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 73Page - Microchip Technology PIC16C925T/CL Datasheet HTML 74Page - Microchip Technology PIC16C925T/CL Datasheet HTML 75Page - Microchip Technology PIC16C925T/CL Datasheet HTML 76Page - Microchip Technology PIC16C925T/CL Datasheet HTML 77Page - Microchip Technology PIC16C925T/CL Datasheet HTML 78Page - Microchip Technology PIC16C925T/CL Datasheet HTML 79Page - Microchip Technology PIC16C925T/CL Datasheet HTML 80Page - Microchip Technology PIC16C925T/CL Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 75
PIC16C925/926
10.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-to-Digital (A/D) Converter module has five
inputs.
The analog input charges a sample and hold capacitor.
The output of the sample and hold capacitor is the input
into the converter. The converter then generates a dig-
ital result of this analog level via successive approxima-
tion. The A/D conversion of the analog input signal
results in a corresponding 10-bit digital number. The
A/D module has high and low voltage reference input,
that is software selectable to some combination of VDD,
VSS, RA2 or RA3.
The A/D converter has a unique feature of being able
to operate while the device is in SLEEP mode. To
operate in SLEEP, the A/D clock must be derived from
the A/D’s internal RC oscillator.
The A/D module has four registers. These registers
are:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register0 (ADCON0)
• A/D Control Register1 (ADCON1)
The ADCON0 register, shown in Register 10-1, con-
trols the operation of the A/D module. The ADCON1
register, shown in Register 10-2, configures the func-
tions of the port pins. The port pins can be configured
as analog inputs (RA3 can also be the voltage refer-
ence), or as digital I/O.
Additional information on using the A/D module can be
found in the PICmicro™ Mid-Range MCU Family
Reference Manual (DS33023).
REGISTER 10-1:
ADCON0 REGISTER (ADDRESS: 1Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—
ADON
bit 7
bit 0
bit 7-6
ADCS<1:0>: A/D Conversion Clock Select bits
00
= FOSC/2
01
= FOSC/8
10
= FOSC/32
11
= FRC (clock derived from the internal A/D module RC oscillator)
bit 5-3
CHS<2:0>: Analog Channel Select bits
000
= channel 0 (RA0/AN0)
001
= channel 1 (RA1/AN1)
010
= channel 2 (RA2/AN2)
011
= channel 3 (RA3/AN3)
100
= channel 4 (RA5/AN4)
bit 2
GO/DONE: A/D Conversion Status bit
If ADON = 1:
1
= A/D conversion in progress (setting this bit starts the A/D conversion)
0
= A/D conversion not in progress (this bit is automatically cleared by hardware when the A/D
conversion is complete)
bit 1
Unimplemented: Read as '0'
bit 0
ADON: A/D On bit
1
= A/D converter module is operating
0
= A/D converter module is shut-off and consumes no operating current
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com