Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 58Page - Microchip Technology PIC16C925T/CL Datasheet HTML 59Page - Microchip Technology PIC16C925T/CL Datasheet HTML 60Page - Microchip Technology PIC16C925T/CL Datasheet HTML 61Page - Microchip Technology PIC16C925T/CL Datasheet HTML 62Page - Microchip Technology PIC16C925T/CL Datasheet HTML 63Page - Microchip Technology PIC16C925T/CL Datasheet HTML 64Page - Microchip Technology PIC16C925T/CL Datasheet HTML 65Page - Microchip Technology PIC16C925T/CL Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 182 page
background image
PIC16C925/926
DS39544A-page 60
Preliminary
 2001 Microchip Technology Inc.
REGISTER 9-2:
SSPCON: SYNC SERIAL PORT CONTROL REGISTER (ADDRESS 14h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
bit 7
bit 0
bit 7
WCOL: Write Collision Detect bit
1
= SSPBUF register is written while still transmitting the previous word (must be cleared in software)
0
= No collision
bit 6
SSPOV: Receive Overflow Indicator bit
In SPI mode:
1
= A new byte is received while SSPBUF is holding previous data. Data in SSPSR is lost on overflow.
Overflow only occurs in Slave mode. The user must read the SSPBUF, even if only transmitting data,
to avoid setting overflows. In Master mode, the overflow bit is not set since each operation is initiated
by writing to the SSPBUF register. (Must be cleared in software.)
0
= No overflow
In I2C mode:
1
= A byte is received while the SSPBUF is holding the previous byte. SSPOV is a “don’t care” in transmit
mode. (Must be cleared in software.)
0
= No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In SPI mode:
When enabled, these pins must be properly configured as input or output.
1
= Enables serial port and configures SCK, SDO, SDI, and SS as the source of the serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In I2C mode:
When enabled, these pins must be properly configured as input or output.
1
= Enables the serial port and configures the SDA and SCL pins as the source of the serial port pins
0
= Disables serial port and configures these pins as I/O port pins
bit 4
CKP: Clock Polarity Select bit
In SPI mode:
1
= Idle state for clock is a high level
0
= Idle state for clock is a low level
In I2C mode:
SCK release control
1
= Enable clock
0
= Holds clock low (clock stretch). (Used to ensure data setup time.)
bit 3-0
SSPM3:SSPM0: Synchronous Serial Port Mode Select bits
0000
= SPI Master mode, clock = FOSC/4
0001
= SPI Master mode, clock = FOSC/16
0010
= SPI Master mode, clock = FOSC/64
0011
= SPI Master mode, clock = TMR2 output/2
0100
= SPI Slave mode, clock = SCK pin (SS pin control enabled)
0101
= SPI Slave mode, clock = SCK pin (SS pin control disabled, SS can be used as I/O pin)
0110
= I2C Slave mode, 7-bit address
0111
=I2C Slave mode, 10-bit address
1011
=I2C firmware controlled Master mode (slave idle)
1110
=I2C firmware controlled Master mode, 7-bit address with START and STOP bit interrupts enabled
1111
= I2C firmware controlled Master mode, 10-bit address with START and STOP bit interrupts enabled
1000, 1001, 1010, 1100, 1101
= reserved
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com