Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 34Page - Microchip Technology PIC16C925T/CL Datasheet HTML 35Page - Microchip Technology PIC16C925T/CL Datasheet HTML 36Page - Microchip Technology PIC16C925T/CL Datasheet HTML 37Page - Microchip Technology PIC16C925T/CL Datasheet HTML 38Page - Microchip Technology PIC16C925T/CL Datasheet HTML 39Page - Microchip Technology PIC16C925T/CL Datasheet HTML 40Page - Microchip Technology PIC16C925T/CL Datasheet HTML 41Page - Microchip Technology PIC16C925T/CL Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 182 page
background image
PIC16C925/926
DS39544A-page 36
Preliminary
 2001 Microchip Technology Inc.
4.5
PORTE and TRISE Register
PORTE is a digital input only port. Each pin is multi-
plexed with an LCD segment driver. These pins have
Schmitt Trigger input buffers.
EXAMPLE 4-5:
INITIALIZING PORTE
FIGURE 17-1: PORTE BLOCK DIAGRAM
TABLE 4-9:
PORTE FUNCTIONS
TABLE 4-10:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Note 1: On a Power-on Reset, these pins are
configured as LCD segment drivers.
2: To configure the pins as a digital port, the
corresponding bits in the LCDSE register
must be cleared. Any bit set in the LCDSE
register overrides any bit settings in the
corresponding TRIS register.
BCF STATUS,
RP0
;Select Bank2
BSF STATUS,
RP1
;
BCF LCDSE,
SE27
;Make all PORTE
BCF LCDSE,
SE5
;and PORTG<7>
BCF LCDSE,
SE9
;digital inputs
RD Port
Schmitt
Trigger
Input
Buffer
EN
QD
EN
Digital Input/
LCDSE<n>
LCD
LCD Segment
LCD Output pin
LCD
LCD Common
Data Bus
RD TRIS
VDD
Segment Data
Output Enable
Common Data
Output Enable
Name
Bit#
Buffer Type
Function
RE0/SEG05
bit0
ST
Digital input or Segment Driver05.
RE1/SEG06
bit1
ST
Digital input or Segment Driver06.
RE2/SEG07
bit2
ST
Digital input or Segment Driver07.
RE3/SEG08
bit3
ST
Digital input or Segment Driver08.
RE4/SEG09
bit4
ST
Digital input or Segment Driver09.
RE5/SEG10
bit5
ST
Digital input or Segment Driver10.
RE6/SEG11
bit6
ST
Digital input or Segment Driver11.
RE7/SEG27
bit7
ST
Digital input or Segment Driver27 (not available on 64-pin devices).
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
09h
PORTE
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
0000 0000
0000 0000
89h
TRISE
PORTE Data Direction Control Register
1111 1111
1111 1111
10Dh
LCDSE
SE29
SE27
SE20
SE16
SE12
SE9
SE5
SE0
1111 1111
1111 1111
Legend: Shaded cells are not used by PORTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com