Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 15Page - Microchip Technology PIC16C925T/CL Datasheet HTML 16Page - Microchip Technology PIC16C925T/CL Datasheet HTML 17Page - Microchip Technology PIC16C925T/CL Datasheet HTML 18Page - Microchip Technology PIC16C925T/CL Datasheet HTML 19Page - Microchip Technology PIC16C925T/CL Datasheet HTML 20Page - Microchip Technology PIC16C925T/CL Datasheet HTML 21Page - Microchip Technology PIC16C925T/CL Datasheet HTML 22Page - Microchip Technology PIC16C925T/CL Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 17
PIC16C925/926
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26
101h
TMR0
Timer0 Module Register
xxxx xxxx
41
102h
PCL
Program Counter (PC) Least Significant Byte
0000 0000
25
103h
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
19
104h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
26
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
31
107h
PORTF
PORTF pins when read
0000 0000
37
108h
PORTG
PORTG pins when read
0000 0000
38
109h
—
Unimplemented
—
—
10Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the PC
---0 0000
25
10Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
21
10Ch
PMCON1
reserved
—
—
—
—
—
—
RD
1--- ---0
27
10Dh
LCDSE
SE29
SE27
SE20
SE16
SE12
SE9
SE5
SE0
1111 1111
94
10Eh
LCDPS
—
—
—
—
LP3
LP2
LP1
LP0
---- 0000
84
10Fh
LCDCON
LCDEN
SLPEN
—
VGEN
CS1
CS0
LMUX1
LMUX0
00-0 0000
83
110h
LCDD00
SEG07
COM0
SEG06
COM0
SEG05
COM0
SEG04
COM0
SEG03
COM0
SEG02
COM0
SEG01
COM0
SEG00
COM0
xxxx xxxx
92
111h
LCDD01
SEG15
COM0
SEG14
COM0
SEG13
COM0
SEG12
COM0
SEG11
COM0
SEG10
COM0
SEG09
COM0
SEG08
COM0
xxxx xxxx
92
112h
LCDD02
SEG23
COM0
SEG22
COM0
SEG21
COM0
SEG20
COM0
SEG19
COM0
SEG18
COM0
SEG17
COM0
SEG16
COM0
xxxx xxxx
92
113h
LCDD03
SEG31
COM0
SEG30
COM0
SEG29
COM0
SEG28
COM0
SEG27
COM0
SEG26
COM0
SEG25
COM0
SEG24
COM0
xxxx xxxx
92
114h
LCDD04
SEG07
COM1
SEG06
COM1
SEG05
COM1
SEG04
COM1
SEG03
COM1
SEG02
COM1
SEG01
COM1
SEG00
COM1
xxxx xxxx
92
115h
LCDD05
SEG15
COM1
SEG14
COM1
SEG13
COM1
SEG12
COM1
SEG11
COM1
SEG10
COM1
SEG09
COM1
SEG08
COM1
xxxx xxxx
92
116h
LCDD06
SEG23
COM1
SEG22
COM1
SEG21
COM1
SEG20
COM1
SEG19
COM1
SEG18
COM1
SEG17
COM1
SEG16
COM1
xxxx xxxx
92
117h
LCDD07
SEG31
COM1(1)
SEG30
COM1
SEG29
COM1
SEG28
COM1
SEG27
COM1
SEG26
COM1
SEG25
COM1
SEG24
COM1
xxxx xxxx
92
118h
LCDD08
SEG07
COM2
SEG06
COM2
SEG05
COM2
SEG04
COM2
SEG03
COM2
SEG02
COM2
SEG01
COM2
SEG00
COM2
xxxx xxxx
92
119h
LCDD09
SEG15
COM2
SEG14
COM2
SEG13
COM2
SEG12
COM2
SEG11
COM2
SEG10
COM2
SEG09
COM2
SEG08
COM2
xxxx xxxx
92
11Ah
LCDD10
SEG23
COM2
SEG22
COM2
SEG21
COM2
SEG20
COM2
SEG19
COM2
SEG18
COM2
SEG17
COM2
SEG16
COM2
xxxx xxxx
92
11Bh
LCDD11
SEG31
COM2(1)
SEG30
COM2(1)
SEG29
COM2
SEG28
COM2
SEG27
COM2
SEG26
COM2
SEG25
COM2
SEG24
COM2
xxxx xxxx
92
11Ch
LCDD12
SEG07
COM3
SEG06
COM3
SEG05
COM3
SEG04
COM3
SEG03
COM3
SEG02
COM3
SEG01
COM3
SEG00
COM3
xxxx xxxx
92
11Dh
LCDD13
SEG15
COM3
SEG14
COM3
SEG13
COM3
SEG12
COM3
SEG11
COM3
SEG10
COM3
SEG09
COM3
SEG08
COM3
xxxx xxxx
92
11Eh
LCDD14
SEG23
COM3
SEG22
COM3
SEG21
COM3
SEG20
COM3
SEG19
COM3
SEG18
COM3
SEG17
COM3
SEG16
COM3
xxxx xxxx
92
11Fh
LCDD15
SEG31
COM3(1)
SEG30
COM3(1)
SEG29
COM3(1)
SEG28
COM3
SEG27
COM3
SEG26
COM3
SEG25
COM3
SEG24
COM3
xxxx xxxx
92
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Details on
page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: These pixels do not display, but can be used as general purpose RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com