Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 88Page - Microchip Technology PIC16C925T/CL Datasheet HTML 89Page - Microchip Technology PIC16C925T/CL Datasheet HTML 90Page - Microchip Technology PIC16C925T/CL Datasheet HTML 91Page - Microchip Technology PIC16C925T/CL Datasheet HTML 92Page - Microchip Technology PIC16C925T/CL Datasheet HTML 93Page - Microchip Technology PIC16C925T/CL Datasheet HTML 94Page - Microchip Technology PIC16C925T/CL Datasheet HTML 95Page - Microchip Technology PIC16C925T/CL Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 182 page
background image
PIC16C925/926
DS39544A-page 90
Preliminary
 2001 Microchip Technology Inc.
11.1.2
MULTIPLEX TIMING GENERATION
The timing generation circuitry will generate one to four
common clocks based on the display mode selected.
The
mode
is
specified by
bits
LMUX1:LMUX0
(LCDCON<1:0>). Table 11-1 shows the formulas for
calculating the frame frequency.
TABLE 11-1:
FRAME FREQUENCY
FORMULAS
TABLE 11-2:
APPROXIMATE FRAME
FREQUENCY (IN Hz)
USING TIMER1 @ 32.768 kHz
OR FOSC @ 8 MHz
TABLE 11-3:
APPROXIMATE FRAME
FREQUENCY (IN Hz)
USING INTERNAL RC OSC
@ 14 kHz
Multiplex
Frame Frequency =
Static
Clock source/(128 * (LP3:LP0 + 1))
1/2
Clock source/(128 * (LP3:LP0 + 1))
1/3
Clock source/(96 * (LP3:LP0 + 1))
1/4
Clock source/(128 * (LP3:LP0 + 1))
LP3:LP0
Static
1/2
1/3
1/4
2
85
85
114
85
3
64
64
85
64
4
51
51
68
51
5
43
43
57
43
6
37
37
49
37
7
32
32
43
32
LP3:LP0
Static
1/2
1/3
1/4
0
109
109
146
109
1
55
55
73
55
2
36
36
49
36
3
27
27
36
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com