Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 35Page - Microchip Technology PIC16C925T/CL Datasheet HTML 36Page - Microchip Technology PIC16C925T/CL Datasheet HTML 37Page - Microchip Technology PIC16C925T/CL Datasheet HTML 38Page - Microchip Technology PIC16C925T/CL Datasheet HTML 39Page - Microchip Technology PIC16C925T/CL Datasheet HTML 40Page - Microchip Technology PIC16C925T/CL Datasheet HTML 41Page - Microchip Technology PIC16C925T/CL Datasheet HTML 42Page - Microchip Technology PIC16C925T/CL Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 37
PIC16C925/926
4.6
PORTF and TRISF Register
PORTF is a digital input only port. Each pin is multi-
plexed with an LCD segment driver. These pins have
Schmitt Trigger input buffers.
EXAMPLE 4-6:
INITIALIZING PORTF
FIGURE 4-8:
PORTF BLOCK DIAGRAM
TABLE 4-11:
PORTF FUNCTIONS
TABLE 4-12:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTF
Note 1: On a Power-on Reset, these pins are
configured as LCD segment drivers.
2: To configure the pins as a digital port, the
corresponding bits in the LCDSE register
must be cleared. Any bit set in the LCDSE
register overrides any bit settings in the
corresponding TRIS register.
BCF STATUS,
RP0
;Select Bank2
BSF STATUS,
RP1
;
BCF LCDSE,
SE16
;Make all PORTF
BCF LCDSE,
SE12
;digital inputs
RD Port
Schmitt
Trigger
Input
Buffer
EN
QD
EN
Digital Input/
LCDSE<n>
LCD
LCD Segment
LCD Output pin
LCD
LCD Common
Data Bus
RD TRIS
VDD
Segment Data
Output Enable
Common Data
Output Enable
Name
Bit#
Buffer Type
Function
RF0/SEG12
bit0
ST
Digital input or Segment Driver12.
RF1/SEG13
bit1
ST
Digital input or Segment Driver13.
RF2/SEG14
bit2
ST
Digital input or Segment Driver14.
RF3/SEG15
bit3
ST
Digital input or Segment Driver15.
RF4/SEG16
bit4
ST
Digital input or Segment Driver16.
RF5/SEG17
bit5
ST
Digital input or Segment Driver17.
RF6/SEG18
bit6
ST
Digital input or Segment Driver18.
RF7/SEG19
bit7
ST
Digital input or Segment Driver19.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
107h
PORTF
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
0000 0000
0000 0000
187h
TRISF
PORTF Data Direction Control Register
1111 1111
1111 1111
10Dh
LCDSE
SE29
SE27
SE20
SE16
SE12
SE9
SE5
SE0
1111 1111
1111 1111
Legend: Shaded cells are not used by PORTF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com