Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 152Page - Microchip Technology PIC16C925T/CL Datasheet HTML 153Page - Microchip Technology PIC16C925T/CL Datasheet HTML 154Page - Microchip Technology PIC16C925T/CL Datasheet HTML 155Page - Microchip Technology PIC16C925T/CL Datasheet HTML 156Page - Microchip Technology PIC16C925T/CL Datasheet HTML 157Page - Microchip Technology PIC16C925T/CL Datasheet HTML 158Page - Microchip Technology PIC16C925T/CL Datasheet HTML 159Page - Microchip Technology PIC16C925T/CL Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 182 page
background image
PIC16C925/926
DS39544A-page 154
Preliminary
 2001 Microchip Technology Inc.
TABLE 15-8:
SPI MODE REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY
——
ns
71
71A
TscH
SCK input high time (Slave
mode)
Continuous
1.25TCY + 30
——
ns
Single Byte
40
——
ns
72
72A
TscL
SCK input low time (Slave
mode)
Continuous
1.25TCY + 30
——
ns
Single Byte
40
73
TdiV2scH,
TdiV2scL
Setup time of SDI data input to SCK edge
50
——
ns
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK edge
50
——
ns
75
TdoR
SDO data output rise time
—
10
25
ns
76
TdoF
SDO data output fall time
—
10
25
ns
77
TssH2doZ
SS
↑ to SDO output hi-impedance
10
—
50
ns
78
TscR
SCK output rise time (Master mode)
—
10
25
ns
79
TscF
SCK output fall time (Master mode)
—
10
25
ns
80
TscH2doV,
TscL2doV
SDO data output valid after SCK edge
——
50
ns
81
TdoV2scH,
TdoV2scL
SDO data output setup to SCK edge
TCY
——
ns
82
TssL2doV
SDO data output valid after SS
↓ edge
——
50
ns
83
TscH2ssH,
TscL2ssH
SS
↑ after SCK edge
1.5TCY + 40
——
ns
84
Tb2b
Delay between consecutive bytes
1.5TCY + 40
——
ns
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com