Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T/CL Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16C925T/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T/CL Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16C925T/CL Datasheet HTML 163Page - Microchip Technology PIC16C925T/CL Datasheet HTML 164Page - Microchip Technology PIC16C925T/CL Datasheet HTML 165Page - Microchip Technology PIC16C925T/CL Datasheet HTML 166Page - Microchip Technology PIC16C925T/CL Datasheet HTML 167Page - Microchip Technology PIC16C925T/CL Datasheet HTML 168Page - Microchip Technology PIC16C925T/CL Datasheet HTML 169Page - Microchip Technology PIC16C925T/CL Datasheet HTML 170Page - Microchip Technology PIC16C925T/CL Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 165
PIC16C925/926
68-Lead Ceramic Leaded (CL) Chip Carrier with Window – Square (CERQUAD)
45
°
A3
A
p
B1
B
D2
E2
E
E1
#leads=n1
9.91
9.65
9.40
.390
.380
.370
W
Window Diameter
0.53
0.46
0.38
.021
.018
.015
B
Lower Lead Width
0.79
0.72
0.66
.031
.029
.026
B1
Upper Lead Width
0.30
0.25
0.20
.012
.010
.008
c
Lead Thickness
17
17
n1
Pins each side
23.62
23.11
22.61
.930
.910
.890
D2
Footprint Length
23.62
23.11
22.61
.930
.910
.890
E2
Footprint Width
24.33
24.13
23.93
.958
.950
.942
D1
Ceramic Package Length
24.33
24.13
23.93
.958
.950
.942
E1
Ceramic Package Width
25.22
25.10
24.97
.993
.988
.983
D
Overall Package Length
25.22
25.10
24.97
.993
.988
.983
E
Overall Package Width
0.76
0.64
0.51
.030
.025
.020
R
Corner Radius (Others)
1.27
1.02
0.76
.050
.040
.030
CH1
Corner Chamfer (1)
1.02
0.89
0.76
.040
.035
.030
A3
Side One Chamfer Dim.
1.27
1.02
0.76
.050
.040
.030
A1
Standoff
§
3.94
3.48
3.00
.155
.137
.118
A2
Package Thickness
4.70
4.45
4.19
.185
.175
.165
A
Overall Height
1.27
.050
p
Pitch
68
68
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
n 1
A2
A1
c
D1
D
* Controlling Parameter
W
R
CH1 x 45
°
§ Significant Characteristic
JEDEC Equivalent: MO-087
Drawing No. C04-097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com