Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 4 Page - Texas Instruments

  LP3961 Datasheet HTML 1Page - Texas Instruments LP3961 Datasheet HTML 2Page - Texas Instruments LP3961 Datasheet HTML 3Page - Texas Instruments LP3961 Datasheet HTML 4Page - Texas Instruments LP3961 Datasheet HTML 5Page - Texas Instruments LP3961 Datasheet HTML 6Page - Texas Instruments LP3961 Datasheet HTML 7Page - Texas Instruments LP3961 Datasheet HTML 8Page - Texas Instruments LP3961 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Power dissipation(3)
Internally Limited
Input Supply Voltage (Survival)
−0.3
7.5
V
Shutdown Input Voltage (Survival)
−0.3
VIN + 0.3
V
Output Voltage (Survival)(4), (5)
−0.3
7.5
V
IOUT (Survival)
Short-Circuit Protected
Maximum Voltage for ERROR pin
VIN + 0.3
V
Maximum Voltage for SENSE pin
VOUT + 0.3
V
Storage temperature, Tstg
–65
150
°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications
and test conditions, see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
If Military- or Aerospace-specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: P(MAX) = (TJ(MAX) – TA) / RθJA.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP396X output must be diode-clamped to
ground.
(5)
The output PMOS structure contains a diode between the IN and OUT pins. This diode is normally reverse biased. This diode will get
forward biased if the voltage at the OUT pin is forced to be higher than the voltage at the IN pin. This diode can typically withstand 200
mA of DC current and 1 A of peak current.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process..
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Input supply voltage (operating)(1)
2.5
7
V
Shutdown input voltage (operating)
−0.3
VIN + 0.3
V
Maximum operating current (DC)
0.8
A
Operating junction temperature
−40
125
°C
(1)
The minimum operating value for VIN is equal to either [VOUT(NOM) + VDROPOUT] or 2.5 V, whichever is greater.
6.4 Thermal Information
LP3961, LP3964
LP3964
THERMAL METRIC(1)
NDC
KTT
NDH
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
65.2
40.3
32.1
RθJC(top)
Junction-to-case (top) thermal resistance
47.2
43.4
43.8
RθJB
Junction-to-board thermal resistance
9.9
23.1
18.7
°C/W
ψJT
Junction-to-top characterization parameter
3.4
11.5
8.8
ψJB
Junction-to-board characterization parameter
9.7
22.1
18.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
1.0
1.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com