Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 6Page - Texas Instruments LP3961 Datasheet HTML 7Page - Texas Instruments LP3961 Datasheet HTML 8Page - Texas Instruments LP3961 Datasheet HTML 9Page - Texas Instruments LP3961 Datasheet HTML 10Page - Texas Instruments LP3961 Datasheet HTML 11Page - Texas Instruments LP3961 Datasheet HTML 12Page - Texas Instruments LP3961 Datasheet HTML 13Page - Texas Instruments LP3961 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP3961/LP3964 are a series of ultra-low dropout linear regulators. Fixed output products have output
voltage options from 1.2 V to 5 V, adjustable output voltage is only available for LP3964. These regulators can
provide maximum 800-mA load current. The device can operate under extremely low dropout conditions.
The LP3961 has an ERROR flag pin, this pin will go low when the output voltage drops 10% below nominal
value. The LP3964 (fixed output products) provides a SENSE pin. The SENSE pin can improve regulation at
remote loads. The LP3961, LP3964 also provide short-circuit protection and reverse current path. The devices
can be operated with shutdown (SD) pin control.
7.2 Functional Block Diagram
Figure 17. LP3961 Block Diagram
Figure 18. LP3964 Block Diagram
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com