Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 14Page - Texas Instruments LP3961 Datasheet HTML 15Page - Texas Instruments LP3961 Datasheet HTML 16Page - Texas Instruments LP3961 Datasheet HTML 17Page - Texas Instruments LP3961 Datasheet HTML 18Page - Texas Instruments LP3961 Datasheet HTML 19Page - Texas Instruments LP3961 Datasheet HTML 20Page - Texas Instruments LP3961 Datasheet HTML 21Page - Texas Instruments LP3961 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
www.ti.com
The total output noise specification for LP396x is presented in the Electrical Characteristics table. The output
noise density at different frequencies is represented by a curve under typical performance characteristics.
8.2.2.8 Shutdown Operation
A CMOS logic level signal at the shutdown (SD) pin will turnoff the regulator. Pin SD must be actively terminated
through a 10-k
Ω pullup resistor for a proper operation. If this pin is driven from a source that actively pulls high
and low (such as a CMOS rail-to-rail comparator), the pull-up resistor is not required. This pin must be tied to the
IN pin if not used.
8.2.2.9 Maximum Output Current Capability
LP3961 and LP3964 can deliver a continuous current of 800 mA over the full operating temperature range. A
heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible conditions, the junction temperature must be within the range specified under
operating conditions. The total power dissipation of the device is given by:
PD = (VIN − VOUT) × IOUT + VIN × IGND
(4)
where IGND is the operating ground current of the device (specified under the Electrical Characteristics table).
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax− TAmax
(5)
The maximum allowable value for junction to ambient Thermal Resistance, RθJA, can be calculated using the
formula:
RθJA = TRmax / PD
(6)
LP3961 and LP3964 are available in TO-220, SFM/TO-263, and SOT-223 packages. The thermal resistance
depends on amount of copper area or heat sink, and on air flow.
8.2.3 Application Curves
Figure 24. Line Transient Response (IOUT = 800 mA)
Figure 25. Line Transient Response (IOUT = 800 mA)
18
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com