Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 7Page - Texas Instruments LP3961 Datasheet HTML 8Page - Texas Instruments LP3961 Datasheet HTML 9Page - Texas Instruments LP3961 Datasheet HTML 10Page - Texas Instruments LP3961 Datasheet HTML 11Page - Texas Instruments LP3961 Datasheet HTML 12Page - Texas Instruments LP3961 Datasheet HTML 13Page - Texas Instruments LP3961 Datasheet HTML 14Page - Texas Instruments LP3961 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LP3961, LP3964
www.ti.com
SNVS056J – MAY 2000 – REVISED JUNE 2015
Functional Block Diagram (continued)
Figure 19. LP3964 Adjustable Version Block Diagram
7.3 Feature Description
7.3.1 Short-Circuit Protection
The LP3961 and LP3964 are short-circuit protected and in the event of a peak overcurrent condition, the short-
circuit control loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts
down, the control loop will rapidly cycle the output on and off until the average power dissipation causes the
thermal shutdown circuit to respond to servo the on/off cycling to a lower frequency. Please refer to the section
on thermal information for power dissipation calculations.
7.3.2 ERROR Flag Operation
The LP3961 produces a logic low signal at the ERROR flag pin when the output drops out of regulation due to
low input voltage, current limiting, or thermal limiting. This flag has a built-in hysteresis. The timing diagram in
Figure 20 shows the relationship between the ERROR pin and the output voltage. In this example, the input
voltage is changed to demonstrate the functionality of the ERROR flag.
The internal ERROR flag comparator has an open drain output stage. Hence, the ERROR pin should be pulled
high through a pull-up resistor. Although the ERROR pin can sink current of 1 mA, this current is an energy drain
from the input supply. Hence, the value of the pull-up resistor should be in the range of 100 k
Ω to 1 MΩ. The
ERROR pin must be connected to ground if this function is not used. It should also be noted that when the SD
pin is pulled low, the ERROR pin is forced to be invalid for reasons of saving power in shutdown mode.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com