Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 8Page - Texas Instruments LP3961 Datasheet HTML 9Page - Texas Instruments LP3961 Datasheet HTML 10Page - Texas Instruments LP3961 Datasheet HTML 11Page - Texas Instruments LP3961 Datasheet HTML 12Page - Texas Instruments LP3961 Datasheet HTML 13Page - Texas Instruments LP3961 Datasheet HTML 14Page - Texas Instruments LP3961 Datasheet HTML 15Page - Texas Instruments LP3961 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
Figure 20. ERROR Flag Operation
7.3.3 SENSE Pin
In applications where the regulator output is not very close to the load, LP3964 can provide better remote load
regulation using the SENSE pin. Figure 21 depicts the advantage of the SENSE option. LP3961 regulates the
voltage at the OUT pin. Hence, the voltage at the remote load will be the regulator output voltage minus the drop
across the trace resistance. For example, in the case of a 3.3-V output, if the trace resistance is 100 m
Ω, the
voltage at the remote load will be 3.22 V with 800 mA of load current, ILOAD. The LP3964 regulates the voltage at
the SENSE pin. Connecting the SENSE pin to the remote load will provide regulation at the remote load, as
shown in Figure 21. If the sense option pin is not required, the SENSE pin must be connected to the OUT pin.
Figure 21. Improving Remote Load Regulation Using LP3964
12
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com