Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 9Page - Texas Instruments LP3961 Datasheet HTML 10Page - Texas Instruments LP3961 Datasheet HTML 11Page - Texas Instruments LP3961 Datasheet HTML 12Page - Texas Instruments LP3961 Datasheet HTML 13Page - Texas Instruments LP3961 Datasheet HTML 14Page - Texas Instruments LP3961 Datasheet HTML 15Page - Texas Instruments LP3961 Datasheet HTML 16Page - Texas Instruments LP3961 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LP3961, LP3964
www.ti.com
SNVS056J – MAY 2000 – REVISED JUNE 2015
Feature Description (continued)
7.3.4 Dropout Voltage
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the output voltage. The LP3961 and LP3964 use an internal MOSFET with an Rds(on) of 240 m
Ω
(typically). For CMOS LDOs, the dropout voltage is the product of the load current and the Rds(on) of the internal
MOSFET.
7.3.5 Reverse Current Path
The internal MOSFET in LP3961 and LP3964 has an inherent parasitic diode. During normal operation, the input
voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, then current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
200-mA continuous and 1-A peak.
7.4 Device Functional Modes
7.4.1 Operation With VOUT(TARGET) + 0.35 V ≤ VIN ≤ 7 V
For the fixed output voltage products, the devices operate if the input voltage is equal to or exceeds
VOUT(TARGET) + 0.35 V. At input voltages below the minimum VIN requirement, the devices do not operate
correctly and output voltage may not reach target value.
7.4.2 Operation With Shutdown (SD) Pin Control
A CMOS logic low level signal at the shutdown (SD) pin will turn off the regulator. The SD pin must be actively
terminated through a 10-k
Ω pullup resistor for a proper operation. This pin must be tied to the IN pin if not used .
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com