Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 15Page - Texas Instruments LP3961 Datasheet HTML 16Page - Texas Instruments LP3961 Datasheet HTML 17Page - Texas Instruments LP3961 Datasheet HTML 18Page - Texas Instruments LP3961 Datasheet HTML 19Page - Texas Instruments LP3961 Datasheet HTML 20Page - Texas Instruments LP3961 Datasheet HTML 21Page - Texas Instruments LP3961 Datasheet HTML 22Page - Texas Instruments LP3961 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Ground
IN
OUT
SD
ERROR
Input
Capacitor
Output
Capacitor
Pullup
Resistor
Pullup
Resistor
LP3961, LP3964
www.ti.com
SNVS056J – MAY 2000 – REVISED JUNE 2015
9 Power Supply Recommendations
The LP396x devices are designed to operate from an input voltage supply range between 2.5 V and 7 V. The
input voltage range provides adequate headroom in order for the device to have a regulated output. This input
supply must be well regulated. An input capacitor of at least 68
μF is required.
10 Layout
10.1 Layout Guidelines
Good PC layout practices must be used or instability can be induced because of ground loops and voltage drops.
The input and output capacitors must be directly connected to the IN, OUT, and GND pins of the LP396x using
traces which do not have other currents flowing in them (Kelvin connect).
The best way to do this is to lay out CIN and COUT near the device with short traces to the IN, OUT, and GND
pins. The regulator ground pin should be connected to the external circuit ground so that the regulator and its
capacitors have a single-point ground.
It should be noted that stability problems have been seen in applications where vias to an internal ground plane
were used at the ground points of the LP396x IC and the input and output capacitors. This was caused by
varying ground potentials at these nodes resulting from current flowing through the ground plane. Using a single-
point ground technique for the regulator and its capacitors fixed the problem.
Because high current flows through the traces going into the IN pin and coming from the OUT pin, Kelvin connect
the capacitor leads to these pins so there is no voltage drop in series with the input and output capacitors.
10.2 Layout Example
Figure 26. LP3961 TO-263 Package Typical Layout
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com