Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 39 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 39 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 35Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 36Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 37Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 38Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 39Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 40Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 41Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 42Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 43Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 39 -
ET2: ET2=0 – Disable Timer 2 overflow or external reload interrupt.
ET2=1 – Enable Timer 2 overflow or external reload interrupt.
ES: ES=0 – Disable Serial channel interrupt.
ES=1 – Enable Serial channel interrupt.
ET1: ET1=0 – Disable Timer 1 overflow interrupt.
ET1=1 – Enable Timer 1 overflow interrupt.
EX1: EX1=0 – Disable external interrupt 1.
EX1=1 – Enable external interrupt 1.
ET0: ET0=0 – Disable Timer 0 overflow interrupt.
ET0=1 – Enable Timer 0 overflow interrupt.
EX0: EX0=0 – Disable external interrupt 0.
EX0=1 – Enable external interrupt 0.
Mnemonic: IE1
Address: A9h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
-
-
ETWSI
-
00h
ETWSI: ETWSI =0 – Disable TWSI interrupt.
ETWSI =1 – Enable TWSI interrupt.
Mnemonic: IP
Address: B8h
7
6
5
4
3
2
1
0
Reset
-
-
PT2
PS
PT1
PX1
PT0
PX0
00H
PT2: Timer2 interrupt priority bit.
PS: Serial port interrupt priority bit.
PT1: Timer1 interrupt priority bit.
PX1: External interrupt 1 priority bit.
PT0: Timer 0 interrupt priority bit.
PX0: External interrupt 0 priority bit.
Mnemonic: IP1
Address: B9h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
-
-
PTWSI
-
00H
PTWSI: TWSI interrupt priority bit.
Interrupt Priority Table
IP.x
Priority Level
1
1
(highest)
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com