Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 19 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 19 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 15Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 18Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 22Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 23Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 19 -
Mnemonic: SCONF
Address: BFh
7
6
5
4
3
2
1
0
Reset
WDR
-
-
PDWUE
-
-
OME
ALEI
02H
OME: On-chip 768B expanded RAM enable bit.
Set 1 to enable on-chip 768B expanded RAM access.
There are two methods to access on-chip 768 bytes of expanded RAM. The first one is to use MOVX instruction
either by MOVX @DPTR or by MOVX @Ri. The other is to use a specific addressing bank switching scheme
combined with direct addressing MOV instruction.
Method 1 : By MOVX instruction
The 768 bytes on-chip expanded RAM can be accessed by MOVX instruction with OME bit in SCONF register
enabled. If MOVX @DPTR is used, the address range larger than 768B will force to access external data memory
automatically. If OME is disabled, IC will always access external data memory. OME is 1 in default setting.
The 768 bytes of on-chip expanded RAM can also be accessed by MOVX @Ri instruction. The content in Ri is
concatenated with RAMS1 and RAMS0 bit in RCON register in order to address on-chip 768bytes expanded RAM
and off-chip RAM totally up to 64KB memory range.
RAMS1 and RAMS0 bit in RCON register is the 256B bank selection while using MOVX @Ri to access expanded
RAM once OME bit in SCONF register is set.
Mnemonic: RCON
Address: 85h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
-
-
RAMS1
RAMS0
00H
OME
RAMS1
RAMS0
Mapped on-chip expanded RAM address
Note
1
0
0
$0000 - $00FF
1
0
1
$0100 - $01FF
1
1
0
$0200 - $02FF
1
1
1
-
Mapped to off-chip RAM
address {P2 , Ri}
0
x
x
-
Mapped to off-chip RAM
address {P2 , Ri}
Table 3-1 : Mapped address for on-chip expanded RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com