Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 3 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 3 Page - SyncMOS Technologies,Inc

  SM89516B Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 3 -
Product List
SM89516BW40PP,
SM89516BW44JP,
SM89516BW44QP,
Description
The SM89516B series product is an 8 - bit single chip
micro controller with 64KB flash & 1KB SRAM
embedded.
SM89516B is a versatile and cost effective controller
for those applications which demand up to 36 I/O pins,
or applications which need up to 64K byte flash
memory either for program or for data or mixed.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method.
Ordering Information
SM89516BihhkL YWW
i: process identifier { W = 2.4V ~ 5.5V}
hh: pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free, ”P” is PB free}
Y: Year Code
WW: Week Code (01-52)
Postfix
Package
P
PDIP
J
PLCC
Q
PQFP
Features
Main Flash ROM 64KB.
Working voltage 2.4V~5.5V runs up to
40MHz
General 8052 family compatible with 12
clocks in one machine cycle.
256 bytes SRAM as standard 8052.
On-chip 768 bytes expanded RAM.
16-bit Data Pointers (DPTR).
One serial peripheral interfaces in full duplex
mode (UART).
-
Synchronous mode, fixed baud rate.
-
8-bit UART mode, variable baud rate.
-
9-bit UART mode, fixed baud rate.
-
9-bit UART mode, variable baud rate.
Three 16-bit Timer/Counters (Timer 0, 1, 2).
One watch dog timer (WDT).
One IIC interface (Master / Slave mode).
Two 8-bit/5-bit configurable PWM output
channels.
Seven interrupt sources with two priority
levels.
Four 8-bit I/O ports and additional one 4-bit
I/O ports.
IO PAD ESD over 4KV.
Enhance user code protection.
Power management unit for IDLE and power
down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com