Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 32 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 32 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 28Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 29Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 30Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 31Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 32Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 33Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 34Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 35Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 36Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 32 -
C/T2=0
C/T2=1
T2 pin
TL2
TH2
TF2
Fosc/12
TR2
RCAP2L
RCAP2H
Timier2 in Auto Reload Mode
(DCEN=1)
FFH
FFH
EXF2
T2EX PIN
Count Direction
1 = UP
0 = DOWN
Timer2
interrupt
Fig. 7-3: Timer 2 in auto reload mode (DCEN=1)
7.3
Programmable clock out
A 50% duty cycle clock can be programmed to come out on P1.0. This pin, besides begin a regular I/O pin, has two
alternate functions. It can be programmed (1) to input the external clock for Timer/Counter 2 or (2) to output a 50%
duty cycle clock. An example is that the clock output ranges from 61Hz to 4MHz at a 16MHz oscillator frequency if
in 12T mode.
To configure the Timer/Counter 2 as a clock generator, bit C/
2
T
(T2CON.1) must be cleared and bit
T2OE(T2MOD.1) must be set. Bit TR2 (T2CON.2) starts and stops the timer.
The Clock-Out frequency depends on the oscillator frequency and the reload value of Timer 2 capture registers
(RCAP2H, RCAP2L) as shown in this equation:
Clock-Out Frequency =
)
2
,
2
65536
(
4
Frequency
Oscillator
L
RCAP
H
RCAP
−
×
In the clock-out mode, Timer 2 roll-overs will not generate an interrupt. This is similar to when Timer 2 is used as a
baud-rate generator. It is possible to use Timer 2 as a baud-rate generator and a clock generator simultaneously.
Note, however, that the baud-rate and clock-out frequencies can not be determined independently from one
another since they both use RCAP2H and RCAP2L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com