Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 49 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 49 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 41Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 42Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 43Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 44Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 45Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 46Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 47Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 48Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 49Page - SyncMOS Technologies,Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 49 -
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
-40
25
85
℃
Ambient temperature under bias
VDD
Supply voltage
2.4
5.5
V
DC Characteristics
TA = -40℃ to 85℃, VCC = 5.0V
Symbol
Parameter
Valid
Min.
Max.
Unit
Test Conditions
VIL1
Input Low Voltage
port 0,1,2,3,#EA
-0.5
0.8
V
VIL2
Input Low Voltage
RES, XTAL1
0
0.8
V
VIH1
Input High Voltage
port 0,1,2,3,#EA
2.0
Vcc+0.5
V
VIH2
Input High Voltage
RES, XTAL1
70%Vcc
Vcc+0.5
V
VOL1
Output Low Voltage
port 0, ALE, #PSEN
0.45
V
IOL=3.2mA
VOL2
Output Low Voltage
port 1,2,3,
0.45
V
IOL=1.6mA
VOH1
Output High Voltage
port 0
2.4
V
IOH=-800uA
90%Vcc
V
IOH=-80uA
VOH2
Output High Voltage
port
1,2,3,ALE,#PSEN
2.4
V
IOH=-60uA
90%Vcc
V
IOH=-10uA
IIL
Logical 0 Input Current
port 1,2,3
-75
uA
Vin=0.45V
ITL
Logical Transition
Current
port 1,2,3
-650
uA
Vin=2.0V
ILI
Input Leakage Current
port 0, #EA
±10
uA
0.45V<Vin<Vcc
R RES
Reset Pull-down
Resistance
RES
50
300
Kohm
C IO
Pin Capacitance
10
pF
Freq=1MHz, Ta=25 ℃
I CC
Power Supply Current
Vdd
20
mA
Active mode, 16MHz
6.5
mA
Idle mode, 16MHz
15
uA
Power down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com